Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G05 Arkusz danych(PDF) 8 Page - XP Power Limited

Numer części G05
Szczegółowy opis  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G05 Arkusz danych(HTML) 8 Page - XP Power Limited

Back Button G05 Datasheet HTML 2Page - XP Power Limited G05 Datasheet HTML 3Page - XP Power Limited G05 Datasheet HTML 4Page - XP Power Limited G05 Datasheet HTML 5Page - XP Power Limited G05 Datasheet HTML 6Page - XP Power Limited G05 Datasheet HTML 7Page - XP Power Limited G05 Datasheet HTML 8Page - XP Power Limited G05 Datasheet HTML 9Page - XP Power Limited G05 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4726BH01
PAGE 8
WWW.XPPOWER.COM
G SERIES – ACCESSORY
2.40
(60.96)
1.60
(40.64)
0.80
(20.32)
0.300
(7.62)
2.000
(50.80)
0.31
(7.87)
0.68
(17.27)
0.40
(10.16)
0.20
(5.08)
1.60
(40.64)
0.300
(7.62)
Ø
0.140 (3.56) THRU
2 PLACES
4-40 SOLDERABLE
GROUNDING STUD
2 PLACES
HIGH
VOLTAGE
The “AB” Series provides low cost EMI/RFI shielding and rugged
mounting for XP EMCO High Voltage DC to DC converters. These
five-sided aluminum enclosures feature a durable, non-conductive
black anodized finish. The enclosures are manufactured at our own
sheet metal fabrication facility, which allows for low cost and stock
delivery. Add an “AB” suffix to the model number for a factory-installed
enclosure (e.g. E10AB). Contact our sales department by phone, fax
or email for immediate attention.
On models with outputs of 3kV or higher, special care must be taken
to ensure adequate spacing and insulation between the metal can
and the high voltage output. Single sided layout, encapsulants or
conformal coating may be required.
Case grounding stud must be connected to ground. Case ground is
not internally connected to (-) input.
SHIELD DESCRIPTION
APPLICATION INFORMATION
PARAMETER
VALUE
BOX SIZE
See Table
MATERIAL
0.03 (0.76mm) Aluminum
MOUNTING
Two Tabs With Thru-Holes
PARAMETER
VALUE
GROUND
Black Anodized Aluminum
DIMENSIONS WITH TAB
2.4L (60.96) x 1.6W (40.64) x 0.68H (17.27)
DIMENSIONS
WITHOUT TAB
1.6L (40.64) x 1.6W (40.64) x 0.68H (17.27)
EXTERNAL EMI/RFI SHIELD


Podobny numer części - G05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerbox
G05 POWERBOX-G05 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
MORNSUN Science& Techno...
G0505D-1W MORNSUN-G0505D-1W Datasheet
130Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
G0505D-2W MORNSUN-G0505D-2W Datasheet
138Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
G0505S-1W MORNSUN-G0505S-1W Datasheet
139Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
G0505S-1W MORNSUN-G0505S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results

Podobny opis - G05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com