Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC35256FM Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC35256FM
Szczegółowy opis  256K (32768 words 8 bits) SRAM Control Pins: OE and CE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256FM Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

  LC35256FM Datasheet HTML 1Page - Sanyo Semicon Device LC35256FM Datasheet HTML 2Page - Sanyo Semicon Device LC35256FM Datasheet HTML 3Page - Sanyo Semicon Device LC35256FM Datasheet HTML 4Page - Sanyo Semicon Device LC35256FM Datasheet HTML 5Page - Sanyo Semicon Device LC35256FM Datasheet HTML 6Page - Sanyo Semicon Device LC35256FM Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS No. 6302-7/7
LC35256FM, FT-55U/70U
This catalog provides information as of May, 2000. Specifications and information herein are subject to
change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.


Podobny numer części - LC35256FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
More results

Podobny opis - LC35256FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com