Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC171W03-A4 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części LC171W03-A4
Szczegółowy opis  SPECIFICATION FOR APPROVAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC171W03-A4 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  LC171W03-A4 Datasheet HTML 1Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 2Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 3Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 4Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 5Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 6Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 7Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 8Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Product Specification
4/ 28
LC171W03
Liquid Crystal Display
Ver. 0.0
Jan.10, 2002
1. General Description
LC171W03 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally black mode. It has a 17.1 inch
diagonally measured active display area with WXGA resolution (768 vertical by 1280 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, a palette of more than 16,7M(true) colors.
It has been designed to apply the 8Bit parallel CMOS interface.
It is intended to support LCD TV, PCTV where high brightness, wide viewing angle, high color
saturation, and high color are important.
General Features
Surface Treatment
Display Operating Mode
Weight
Power Consumption
Viewing Angle (CR>10)
Luminance, White
Color Depth
Pixel Format
Pixel Pitch
Outline Dimension
Active Screen Size
Hard coating(3H) & Anti-glare treatment of the front polarizer
Transmissive mode, normally black
2,200 g (Typ.) , 2,350 g (Max)
Total 30.4 Watt(Typ.), (2.2 Watt@VLCD,28.2 Watt@450cd/[LAMP=7mA])
Viewing Angle Free [R/L 176Typ.), U/D 176(Typ.)]
450 cd/m2 (Center 1 point (Typ.))
8-bits, 16,7M colors
1280 horiz. By 768 vert. Pixels RGB stripe arrangement
0.291mm x 0.291mm
400.0(H) x 258.0(V) x 22.0(D) mm(Typ.)
17.1 inches(434.38mm) diagonal
TFT-LCD Panel
(1280 × 768 pixels)
Source Driver Circuit
Timing Control
Block
Power Circuit
Block
CN1
(20pin)
Backlight Assembly
(6 CCFL)
G768
G1
S1280
S1
CN2,5(3pin)
CN3,4 (3pin)
LVDS
5pair
+12.0V
VLCD


Podobny numer części - LC171W03-A4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC171 SEOUL-LC171 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC171 SEOUL-LC171 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Podobny opis - LC171W03-A4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com