Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-1072-220 Arkusz danych(PDF) 2 Page - ETAL Group

Numer części E-1072-220
Szczegółowy opis  Voltage rating DC 24 V (19.2...36 V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1072-220 Arkusz danych(HTML) 2 Page - ETAL Group

  E-1072-220 Datasheet HTML 1Page - ETAL Group E-1072-220 Datasheet HTML 2Page - ETAL Group E-1072-220 Datasheet HTML 3Page - ETAL Group E-1072-220 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1072-2...
1646
2
5
Status matrix
Control circuit
Control “In/Ctrl”
internal low-level signal relay in control
input (with integral free-wheeling diode)
Control voltage U
“0” : 0...2.4 V
“1” : 18...32 V
Control current I
typically 5...10 mA
Switching frequency fmax
10 Hz
Control signal (UContr “1”)
“In/Ctrl” YELLOW LED lights with IContr
flowing
Protection
reverse polarity protection (diode),
overvoltage protection (varistor)
Fault indication
“Err1”
group fault signalisation
potential-free relay contact N/O, (closed
circuit principle) DC 30 V/5 mA...1 A
Fault indication “Err1”
relay contact “Err1” open
- wire breakage in the load circuit
- load current < 30 mA
- other faults (ground fault in load circuit
or internal fault)
- overload/short circuit (= “Err2”)
- LED RED “Error” lighted
- LED GREEN “O.K.” not lighted
- relay contact “Err1” closed
Signal delay
typically 600 ms
“Err2”
fault indication
potenial-free auxiliary contact,
make contact N/O,
DC 30 V/5 mA....1 A
Fault indication “Err2”
signal contact “Err2” closed
- overload or short circuit in the load circuit
- LED RED “Error” lighted
- LED GREEN “O.K.” not lighted
- relay contact “Err1” open
- auxiliary contact “Err2” closed
- RED button “OFF”
- reset required
- 2-pole physical isolation in load circuit
- manual release “OFF”
- reverse polarity of US (LEDs not indicating)
Option –210
with status indication “BM”
potential-free relay contact
DC 30 V / 5 mA...1 A
Function “BM”
relay contact closed, if Iload > 30 mA
relay contact open, with wire breakage
and after trip of circuit breaker
Option –220
analogue output proportional to load current
“ANA” 4-20 mA, max. load 500 Ω on -US
(term. 44)
UContr = “0” –> 4 mA
UContr = “0” –> 4 mA with 0 A (load current)
20 mA with IN
Accuracy: ± 5 % of measured value
General data
Ambient Temperature
0...+50 °C (without condensation)
Storage temperature
-20...+70 °C
Terminals
COMBICON MSTBO 2.5/4 1x2.5 mm2 max.
16-pole
Some are double terminals -> loop-through
possibility (continuous load max. 6 A)
Back-up protection
not required because of integral fail-safe
for SSRPC
element with VDE approval
Housing material
PA 66-FR
Mounting
symmetric rail to EN 50022-35
Vibration
3 g, to IEC 60068-2-6 test Fc
Degree of protection
IP20 housing
(IEC 529/DIN 40050)
IP20 terminals
EMC
emitted interference EN 50081-1
interference suppression EN 61000-6-2
Mounting dimensions
22.5 x 99 x 122 mm (w x h x d)
Mass
approx. 130 g
Ordering information
Type
E-1072
Solid State Remote Power Controller
Version
210
with additional option: status indication
220
with additional option: analogue output 4-20 mA
Voltage rating of load
DC 24 V
Current rating
1 A or 2 A
E-1072
- 210 - DC 24 V - 1 A
ordering example
Technical Data (T
U = 25 °C, UB = DC 24 V) (TU = ambient temperature at UN)
Operating
status
fault-free
operation
Short circuit
/ overload in
load circuit
Wire break in load
ciruit
other
faults
Control input
“0”
“1”
“1”
“0”
“1”
“0”
Load output
OFF
2-pole
non-
conductive
ON
2-pole
conductive
OFF
2-pole
non-
conductive
OFF
2-pole
non-
conductive
ON
2-pole
conductive
OFF
2-pole
non-
conductive
Load circuit
isolated 2
pole (via relay
contacts)
no
no
yes
no
no
no
Indication
YELLOW LED
“In/Ctrl”
0
1
1
0
1
0
GREEN LED
“O.K.”
1
1
0
0
0
0
RED LED
“Error”
0
0
1
1
1
1
relay contacts
“Err1”
(group fault)
closed
closed
open
open
open
open
auxiliary
contacts “Err2”
(circuit breaker)
open
open
closed
open
open
open
RED operating/
reset button
ON
ON
OFF
“OFF”
ON
ON
ON
relays contact
“BM” indication
option-210
open
closed
open
open
open
open
analgo output
option-220
4 mA
4 mA...
20 mA
> 20 mA,
4 mA
4 mA
4 mA
4 mA
Remark
available
ILoad:
>30 mA
< 1 A
(or 2 A)
RED button to
be reset
ILoad:
<30 mA
ground
fault in
load
circuit or
internal
fault
1 = LED lights
0 = LED does not light
Operating modes at:
- reverse polarity: indication of fault “Err2”; LEDs not illuminated!
- manual release “OFF” (RED button out): indication of fault “Err1”
and “Err2”, additionally lighted LED RED “Error”.
- with US = 0 V: group fault signalisation »Err1« (closed circuit
principle)


Podobny numer części - E-1072-220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
More results

Podobny opis - E-1072-220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
   Voltage rating AC 250 V; DC 28 V
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
Shanghai Leiditech Elec...
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
   Maximum allowable continuous DC voltage V DC 24 V
logo
BELIMO AIRCONTROLS (USA...
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
   Nominal voltage AC/DC 24 V
logo
Shanghai Leiditech Elec...
MVR0402-240E150 LEIDITECH-MVR0402-240E150 Datasheet
190Kb / 5P
   Maximum allowable continuous DC voltage 24 v
MVR0402-240E015 LEIDITECH-MVR0402-240E015 Datasheet
385Kb / 5P
   Maximum allowable continuous DC voltage 24 V
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
   3 V to 24 V Input, 24 A microBUCK짰 DC/DC Converter
01-Jan-2022
logo
Power Integrations, Inc...
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
   19.2 W DC-DC Converter
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com