Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-1071-627-DC24V-3.1A Arkusz danych(PDF) 2 Page - ETAL Group

Numer części E-1071-627-DC24V-3.1A
Szczegółowy opis  Designed for inductive loads (DC 24 V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1071-627-DC24V-3.1A Arkusz danych(HTML) 2 Page - ETAL Group

  E-1071-627-DC24V-3.1A Datasheet HTML 1Page - ETAL Group E-1071-627-DC24V-3.1A Datasheet HTML 2Page - ETAL Group E-1071-627-DC24V-3.1A Datasheet HTML 3Page - ETAL Group E-1071-627-DC24V-3.1A Datasheet HTML 4Page - ETAL Group E-1071-627-DC24V-3.1A Datasheet HTML 5Page - ETAL Group E-1071-627-DC24V-3.1A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Solid State Remote Power Controller E-1071-
623/627
www.e-t-a.de
2
1646
5
Technical description
Technical data (Tambient = 25 °C, UB = DC 48 V)
General data
Ambient temperature
0…+60 °C (without condensation)
Terminals
1071-623: screw terminals
1071-627: screw-less spring-loaded
terminals
Connection: max. 2 x 2.5 mm2 solid
max. 2 x 1.5 mm2 flex with
sleeve
Housing
clamping plate: polycarbonate GV, blue
cover: polycarbonate, black
Mounting
track-mountable to EN 50022-35
Self-extinguishing properties to UL 94: V = 0; VDE 0304: grade 1
Degree of protection
housing, terminals IP20 DIN 40050
Mounting dimensions
45 x 74 x 128 mm
Mass
approx. 170 g
Operating voltage UB
The max. operating voltage of the SSRPC is approx. DC 60 V. The
min. operating voltage required for 24 V solenoids depends on the
overall ohmic resistance in the load circuit. The switch-on current is
reduced by:
- the voltage drop on the load cable
- the load resistance increasing with the operating temperature of
the load.
Minimum operating voltage UB min
IN
Cable length
Cable size UB min
1 A
2x50 m/2x100 m/2x200 m/2x300 m
1.5 mm2
2.5 mm2
33/35/37/40 V
32/33/35/37 V
2 A
2x50 m/2x100 m/2x200 m/2x300 m
1.5 mm2
2.5 mm2
35/38/44/49 V
34/35/39/42 V
3 A
2x50 m/2x100 m/2x200 m/2x300 m
1.5 mm2
2.5 mm2
37/41/50/58 V
35/38/42/48 V
The load capacity is no longer ensured when the minimum operating
voltage falls below UB min = 28 V. The RED LED (fault) will indicate
and the output will be switched off. Only when an operating voltage
of 29.4 V is exceeded will the load be switched on again and normal
operation status is restored.
Resistance increase in the load circuit:
1.5 mm2 cable
approx. 2.8 Ω/100 m distance
2.5 mm2 cable
approx. 1.6 Ω/100 m distance
Maximum operating voltage UB max
The load capacity is no longer ensured when the max. operating
voltage UB max = 60 V is exceeded. The RED LED (fault) will indicate
and the output will be switched off. Only when the operating voltage
falls below 57 V will the load be switched on again and normal opera-
tion status is restored.
ca. 10...100 ms
time t
I
H
I
N
Current
ON
I
N = Current rating
I
E = Switch-on current/
pickup current
I
H = Holding current
OFF
quick disconnection
I
E
Switch-on current IE = pickup current
The output transistor connects the operating voltage to the inductive
load until actual switch-on of the solenoid (pickup current). After this
period the load current is set back to holding current IH.
Rated current IN, hold current IH
The current rating of the applicable load at its rated voltage should
be set between 0.1...3.1 A. The holding current of the load is internally
adjusted to 60 % of the set current rating. This holding current can
be measured by means of a voltmeter connected to the 2 mm current
measuring plugs (current-proportional voltage: 1 V = 1 A).
Technical description
1
2
3
4
5
Steuerstrom
O.K.
Fehler
Drahtbruch
ILast
= 0,6 x IN
+
IN/A
2
1
0
6
7
8
910
0,2
0,4
0,6
0,8
1,0
0,11,1
DC 24 V-Last
0,1-3,1 A
GERMANY
1V =1A
^
E-1071-623
+
Setting the current rating
The current rating is set by means of a rotary switch (switch
setting 0 A - 1 A - 2 A) and a 270° potentiometer (setting range
between 0.1...1.1 A). The sum of the two settings should equal the
current rating of the load.
Example: 24 V load with IN = 1.5 A
Setting: switch 1 A + potentiometer 0.5 A
Faulty setting of current rating
The red LED (failure indication) blinks in the event of a faulty setting.
The load is disconnected only after approx. 15 sec if the current rating
value is not corrected and the red LED will be permanently lighted.
Reset is only possible by switching on again.
The tolerance range, in which faulty setting will not be indicated, is
approx. ± 30 % of the holding current.
Ordering information
Type No.
E-1071
SSRPC
Terminals
623
screw terminals
627
screw-less connectors
Voltage rating of load
DC 24 V
Current rating
0.1 A...3.1 A
E-1071
- 623 - DC 24 V - 0.1 A...3.1 A ordering example
^


Podobny numer części - E-1071-627-DC24V-3.1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-210-DC24V-1A ETAL-E-1072-210-DC24V-1A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
E-1072-210-DC24V-2A ETAL-E-1072-210-DC24V-2A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
More results

Podobny opis - E-1071-627-DC24V-3.1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
   TRIAC analog control circuits for inductive loads
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com