Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5--21028--7 Arkusz danych(PDF) 5 Page - TE Connectivity Ltd

Numer części 5--21028--7
Szczegółowy opis  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--21028--7 Arkusz danych(HTML) 5 Page - TE Connectivity Ltd

  5--21028--7 Datasheet HTML 1Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 2Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 3Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 4Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 5Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 6Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
408- 10040
5
of 7
Rev E
Suggested Plug Gage Design for
Wire Barrel Section of Crimping Chamber
Die Closure
Configuration
GO Dim.
NO--GO Dim.
50.8 [2]
Min Typ
GO
NO
GO
6.35 [.250]
Min Typ
Die Closure
Configuration
GO Dim.
NO--GO Dim.
“W”
Suggested Plug Gage Design for
Insulation Barrel Section of Crimping Chamber
“W”
HAND
WIRE BARREL CRIMP CHAMBER
INSULATION BARREL CRIMP CHAMBER
HAND
TOOL
GO
NO--GO
GO
NO--GO
WIDTH (W)
576778 2.591--2.598 [.1020--.1023] 2.690--2.692 [.1059--.1060] 0.813--0.820 [.0320--.0323] 1.217--1.219 [.0479--.0480] 4.06 [.160]
576779 2.591--2.598 [.1020--.1023] 2.690--2.692 [.1059--.1060] 1.067--1.074 [.0420--.0423] 1.471--1.473 [.0579--.0580] 4.39 [.173]
576780 3.048--3.056 [.1200--.1203] 3.147--3.150 [.1239--.1240] 0.940--0.947 [.0370--.0373] 1.344--1.346 [.0529--.0530] 5.89 [.232]
576781 3.124--3.132 [.1230--.1233] 3.223--3.226 [.1269--.1270] 0.940--0.947 [.0370--.0373] 1.344--1.346 [.0529--.0530] 5.89 [.232]
576782 3.327--3.335 [.1310--.1313] 3.426--3.429 [.1349--.1350] 1.067--1.074 [.0420--.0423] 1.471--1.473 [.0579--.0580] 6.63 [.261]
576783 3.683--3.691 [.1450--.1453] 3.782--3.785 [.1489--.1490] 1.067--1.074 [.0420--.0423] 1.471--1.473 [.0579--.0580] 6.63 [.261]
576784 4.775--4.783 [.1880--.1883] 4.874--4.877 [.1919--.1920] 1.676--1.684 [.0660--.0663] 2.080--2.083 [.0819--.0820] 8.43 [.332]
Figure 5
Figure 6
(Detail A) Inspection of Wire Barrel Crimping Dies
(Detail B) Inspection of Insulation Crimping Dies
GO gage must pass completely
through the die closure.
NO--GO gage may enter partially,
but must not pass completely
through the die closure.
Wire Barrel Dies
Bottomed But Not
Under Pressure
Gage
Insert 0.025 mm
[.001 In.] Shim Here
When Checking
CERTI--CRIMP Hand
Crimping Tool Ratchet
Control
Gage
Adjustment Pin
in No. 1
Position
Wire Barrel Dies
Bottomed But
Not Under Pressure


Podobny numer części - 5--21028--7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
5--21003--1 TEC-5--21003--1 Datasheet
85Kb / 2P
   Adapter Kits for GREENERD Manual
logo
Tyco Electronics
5--21012--4 MACOM-5--21012--4 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
More results

Podobny opis - 5--21028--7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com