Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2024 Arkusz danych(PDF) 7 Page - Tripath Technology Inc.

Numer części TA2024
Szczegółowy opis  Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024 Arkusz danych(HTML) 7 Page - Tripath Technology Inc.

Back Button TA2024 Datasheet HTML 3Page - Tripath Technology Inc. TA2024 Datasheet HTML 4Page - Tripath Technology Inc. TA2024 Datasheet HTML 5Page - Tripath Technology Inc. TA2024 Datasheet HTML 6Page - Tripath Technology Inc. TA2024 Datasheet HTML 7Page - Tripath Technology Inc. TA2024 Datasheet HTML 8Page - Tripath Technology Inc. TA2024 Datasheet HTML 9Page - Tripath Technology Inc. TA2024 Datasheet HTML 10Page - Tripath Technology Inc. TA2024 Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TECHNICA L INFORMA T ION
TA2024 Preliminary, Rev. 1.0
Page 7
Typical Performance Characteristics
Channel Separation versus Frequency
Frequency (Hz)
VDD = 12V
Pout = 1W/Channel
RLoad = 4
Av = 12
BW = 22Hz - 22kHz
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
THD+N versus Frequency
10
20k
20
50
100
200
500
1k
2k
5k
10k
VDD = 12V
Pout = 5W/Channel
Av = 12
BW = 22Hz - 22kHz
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
R
L = 4Ω
R
L = 8Ω
Intermodulation Performance
Frequency (Hz)
50
30k
1k
2k
5k
10k
20k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
VDD = 12V
Pout = 1W/Channel
RLoad = 4
0dBr = 12Vrms
19kHz, 20kHz, 1:1
Av = 11.7
BW = 10Hz - 80kHz
Frequency (Hz)
Frequency Response
VDD = 12V
Pout = 1W
RLoad = 4
Av = 12
BW = 22Hz - 22kHz
-2
+2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2.5
+3
-2.5
-3
10
20k
20
50
100
200
500
1k
2k
5k
10k
R
L = 4Ω
R
L = 8Ω
Efficiency versus Output Power
Output Power (W)
VDD = 12V
f = 1kHz
Av = 12
THD+N < 10%
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
Noise Floor
Frequency (Hz)
-140
+0
-120
-100
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
10k
VDD = 12V
Pout = 0W
RLoad = 4Ω
Av = 12
BW = 22Hz - 22kHz
A-Weighted Filter


Podobny numer części - TA2024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Podobny opis - TA2024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com