Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-25-A Arkusz danych(PDF) 2 Page - Amphenol Corporation

Numer części P-25-A
Szczegółowy opis  Thermometrics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-25-A Arkusz danych(HTML) 2 Page - Amphenol Corporation

  P-25-A Datasheet HTML 1Page - Amphenol Corporation P-25-A Datasheet HTML 2Page - Amphenol Corporation P-25-A Datasheet HTML 3Page - Amphenol Corporation P-25-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Type P20/25/30 Specifications
NTC Types
P20/25/30
dimensions
Thermal and Electrical Properties (All Def initions and Test Methods are Per MIL-PRF-23648)
Body
Dimensions:
Thermistor Type:
P20
P25
P30
Minimum Diameter:
.020 in (.51 mm)
.025 in (.64 mm)
030 in (.76 mm)
Standard
code “AA”
.063 in (1.6 mm)
Body
“L”
code “A”
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
Lengths
code “B”
.250 in (6.3 mm)**
.250 in (6.3 mm)
.250 in (6.3 mm)
Lead-wires:
Nom. Diameter:
.0011 in (.03 mm)
.002 in (.05 mm)
.003 in (.08 mm)
Minimum Lead Length:
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
Lead Material:
Platinum Alloy
Platinum Alloy
Platinum Alloy
Material System:
Nominal
Nominal
Resistance
Resistance
Resistance
Code
Letter
R-vs-T
Curve
25/125
Ratio
Range @
77°F (25°C)
Range @
77°F (25°C)
Range @
77°F (25°C)
E
0
5.0
A
1
11.8
300 Ω to 680 Ω
300 Ω to 680 Ω
100 Ω to 300 Ω
A
2
12.5
680 Ω to 1.6 kΩ
680 Ω to 1.6 kΩ
300 Ω to 750 Ω
A
3
14.0
1.6 kΩ to 3.6 kΩ
1.6 kΩ to 3.6 kΩ
750 Ω to 1.5 kΩ
A
4
16.9
3.6 kΩ to 6.8 kΩ
3.6 kΩ to 6.8 kΩ
1.5 kΩ to 3.0 kΩ
A
5
19.8
6.8 kΩ to 27 kΩ
6.8 kΩ to 27 kΩ
.0 kΩ to 6.8 kΩ
A
6
22.1
6.8 kΩ to 13 kΩ
A
7
22.7
27 kΩ to 75 kΩ
27 kΩ to 75 kΩ
13 kΩ to 18 kΩ
B
8
29.4
75 kΩ to 130 kΩ
75 kΩ to 130 kΩ
18 kΩ to 51 kΩ
B
9
30.8
130 kΩ to 240 kΩ
130 kΩ to 240 kΩ
51 kΩ to 82 kΩ
B
10
32.3
240 kΩ to 360 kΩ
240 kΩ to 360 kΩ
82 kΩ to 150 kΩ
B
11
35.7
360 kΩ to 820 kΩ
360 kΩ to 820 kΩ
150 kΩ to 330 kΩ
B
12
38.1
820 kΩ to 1.3 MΩ
820 kΩ to 1.3 MΩ
330 kΩ to 680 kΩ
B
13
45.0
1.3 MΩ to 3.3 MΩ
1.3 MΩ to 3.3 MΩ
680 kΩ to 1.5 MΩ
B
14
48.1
3.3 MΩ to 6.8 MΩ
3.3 MΩ to 6.8 MΩ
1.5 MΩ to 3.0 MΩ
B
15
56.5
6.8 MΩ to 10 MΩ
6.8 MΩ to 10 MΩ
3.0 MΩ to 6.2 MΩ
D
16
75.6
6.2 MΩ to 10 MΩ
D
16
81.0
Thermal Time Constant:
Still Air at 77°F (25°C):
1.6 sec
2.0 sec
3.0 sec
Plunge into Water:
18 msec
23 msec
60 msec
Dissipation Constant:
Still Air at 77°F (25°C):
.14 mW/°C
.16 mW/°C
.30 mW/°C
Still Water at 77°F (25°C):
.70 mW/°C
.80 mW/°C
1.50 mW/°C
Power Rating: (in air)
Maximum Power Rating:
.020 Watts
.025 Watts
.035 Watts
100% Max. Power to:
302 (150°C)
302 (150°C)
302 (150°C)
Derated to 0% at:
572°F (300°C)
572°F (300°C)
572°F (300°C)
Resistance vs temperature characterstics: The nominal resistance range for the zero-power resistance at 77°F (25°C) is shown for each miniature bead-in-glass thermoprobe type and each
available material system. Each material system is denoted by an ordering code letter, a referenced curve number and the nominal 77°F/257°F (25°C/125°C) resistance ratio.


Podobny numer części - P-25-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-AN COPAL-P-2000-101G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-BN COPAL-P-2000-101G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-AN COPAL-P-2000-102G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-BN COPAL-P-2000-102G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results

Podobny opis - P-25-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com