Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5426 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5426
Szczegółowy opis  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5426 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5426 Datasheet HTML 1Page - Analog Devices AD5426 Datasheet HTML 2Page - Analog Devices AD5426 Datasheet HTML 3Page - Analog Devices AD5426 Datasheet HTML 4Page - Analog Devices AD5426 Datasheet HTML 5Page - Analog Devices AD5426 Datasheet HTML 6Page - Analog Devices AD5426 Datasheet HTML 7Page - Analog Devices AD5426 Datasheet HTML 8Page - Analog Devices AD5426 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–5–
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VREF, RFB to GND . . . . . . . . . . . . . . . . . . . . . . –12 V to +12 V
IOUT1, IOUT2 to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Logic Inputs and Output
3
. . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended Industrial (Y Version) . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
10-lead MSOP
θ
JA Thermal Impedance . . . . . . . . . . . 206
°C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Transient currents of up to 100 mA will not cause SCR latchup.
3 Overvoltages at SCLK,
SYNC, and DIN, will be clamped by internal diodes.
IOL
200 A
IOH
200 A
CL
20pF
TO
OUTPUT
PIN
VOH (MIN) + VOL (MAX)
2
Figure 3. Load Circuit for SDO Timing Specifications
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5426/AD5432/AD5443 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Resolution
INL
Package
Package
Model
(Bit)
(LSB)
Temperature Range
Description
Branding
Option
AD5426YRM
8
±0.25
–40
°C to +125°C
MSOP
D1Q
RM-10
AD5426YRM-REEL
8
±0.25
–40
°C to +125°C
MSOP
D1Q
RM-10
AD5426YRM-REEL7
8
±0.25
–40
°C to +125°C
MSOP
D1Q
RM-10
AD5432YRM
10
±0.5
–40
°C to +125°C
MSOP
D1R
RM-10
AD5432YRM-REEL
10
±0.5
–40
°C to +125°C
MSOP
D1R
RM-10
AD5432YRM-REEL7
10
±0.5
–40
°C to +125°C
MSOP
D1R
RM-10
AD5443YRM
12
±1
–40
°C to +125°C
MSOP
D1S
RM-10
AD5443YRM-REEL
12
±1
–40
°C to +125°C
MSOP
D1S
RM-10
AD5443YRM-REEL7
12
±1
–40
°C to +125°C
MSOP
D1S
RM-10
EVAL-AD5426EB
Evaluation Kit
EVAL-AD5432EB
Evaluation Kit
EVAL-AD5443EB
Evaluation Kit


Podobny numer części - AD5426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5426 AD-AD5426 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5426 AD-AD5426 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5426 AD-AD5426 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Podobny opis - AD5426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com