Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACPF-7241 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ACPF-7241
Szczegółowy opis  Bandpass Filter for Band 41
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7241 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7241 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7241 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Avago Technologies
- 1 -
Description
The Avago Technologies’ ACPF-7241 is a miniature Bandpass
Filter designed for use in Band 41 (2496 – 2690 MHz) wireless
applications.
The ACPF-7241 is designed to enable concurrent operation of
Band 41 with applications in adjacent 2.4 GHz Bands (Wi-Fi,
WLAN, Bluetooth, ISM).
The ACPF-7241 is designed with Avago Technologies’ Film Bulk
Acoustic Resonator (FBAR) technology. The ACPF-7241 also
utilizes Avago Technologies’ innovative Microcap
bonded-wafer, chip scale packaging technology. This process
allows the filter to be assembled in a module with a footprint of
only 1.1 x 1.4 mm with a maximum height of 0.85 mm.
The ACPF-7241 is compatible with high volume, lead-free SMT
soldering processes and can be direct surface mounted to a
PCB or a transfer molded module.
Functional Block Diagram
Features
50
 Input/Output
Low Insertion Loss, High Interference Rejection
Miniature size
1.1 x 1.4 mm Footprint
0.85 mm Max height
High Power Rating
+30 dBm Max Average Power
+33 dBm Max Peak LTE Modulation Power
Environmental
RoHS 6 Compliant
Halogen Free
TBBPA Free
Specifications
Performance guaranteed –20° to +85°C
Band 41 Insertion Loss = 2.3 dB (Typ. 25°C)
IEEE 802.11 b/g/n, Ch. 1-13 Rejection
 30 dB (Typ, 25°C)
Applications
Band 41 applications such as smart phones, tablets, and other
mobile/portable communications devices.
Port 2
ANT
(Pin 2)
Port 1
TX / RX
(Pin 1)
ACPF-7241
Bandpass Filter for Band 41
Product Brief


Podobny numer części - ACPF-7241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ACPF-7241 BOARDCOM-ACPF-7241 Datasheet
220Kb / 2P
   Bandpass Filter for Band 41
More results

Podobny opis - ACPF-7241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ACPF-7241 BOARDCOM-ACPF-7241 Datasheet
220Kb / 2P
   Bandpass Filter for Band 41
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7141 AVAGO-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
logo
Broadcom Corporation.
ACPF-7141 BOARDCOM-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
logo
AVAGO TECHNOLOGIES LIMI...
ACFF-1025 AVAGO-ACFF-1025 Datasheet
1Mb / 12P
   LTE Band 41 Bandpass Filter
ACPF-7041 AVAGO-ACPF-7041 Datasheet
120Kb / 2P
   TD-LTE Band 41 Bandpass Filter
logo
KR Electronics, Inc.
3212-41++ KR-3212-41+ Datasheet
58Kb / 3P
   41 MHz Bandpass Filter
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
   Band 41 Receive BAW Filter
logo
Marki Microwave
FB-1500 MARKIMICROWAVE-FB-1500 Datasheet
429Kb / 2P
   BANDPASS FILTER (Ku-Band)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com