Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFP13N50C Arkusz danych(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Numer części WFP13N50C
Szczegółowy opis  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Strona internetowa  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP13N50C Arkusz danych(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP13N50C Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WFP13N50C Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Fig.7 Breakdown Voltage Variation
vs. Temperature
Fig.8On-Resistance Variation
vs. Temperature
Fig.11 Transient thermal Response Curve
- 7 5
- 5 0
- 2 5
0
2 5
5 0
1 0 0
1 2 5
1 5 0
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
Tj[ C ]
7 5
Notes:
1.V =10V
2.I =6.5A
G S
D
- 7 5
- 5 0
- 2 5
0
2 5
5 0
1 0 0
1 2 5
1 5 0
7 5
0 . 0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
Tj[ C ]
Operation in This Area
is limited by R DS(on)
Notes:
1 . Tc=25 C
2
.T =150 C
Single pulse
J
1 0 u s
1 0 0 u s
1 m s
1 0 m s
1 0 0 m s
D C
1 00
1 01
1 02
1 03
V
Drain-Source Voltage[V]
D S
1 0- 2
1 0- 1
1 0
0
1 01
1 0
2
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
0
4
6
8
1 0
1 2
1 4
Tc Case Temperature[ C ]
1 .Z
(t)=2 .5 C /W Ma x.
2 .D u ty Fa cto r,D =t1 /t2
3 .T
-T =P
*
θ J C
JM
C
DM
Z
(t)
θJ C
* N o te:
Single pulse
D = 0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
0 . 0 1
PD M
t1
t2
1 E - 5
1 E-4
1 E-3
0.01
0 . 1
1
1 0
0.01
0 . 1
1
t ,Square Wave Pulse Duration [sec]
1
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current
vs Case temperature


Podobny numer części - WFP13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFP13N50 WINSEMI-WFP13N50 Datasheet
567Kb / 7P
   Silicon N-Channel MOSFET
More results

Podobny opis - WFP13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com