Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFP13N50C Arkusz danych(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Numer części WFP13N50C
Szczegółowy opis  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Strona internetowa  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP13N50C Arkusz danych(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP13N50C Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WFP13N50C Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Fig.1 On Region Characteristics
Fig.2 Transfer Characteristics
Fig.3 On-Resistance Variation vs Drain
Current and Gate Voltage
Fig.4 Body Diode Forward Voltage Variation vs.
Source Current and Temperature
Fig.5 Capacitance Characteristics
Fig.6 Gate Charge Characteristics
V g s
1 5 . 0 V
1 0 . 0 V
9 . 0 V
8 . 0 V
7 . 0 V
6 . 5 V
5 . 5 V
To p :
Buttom:
1 00
1 01
1 00
1 01
Note:
1.250us pulse test
2.Tc=25 C
V
Drain-Source Voltage[V]
D S
Note:
1.250us pulse test
2.V
=40V
D S
150 C
2 5 C
2
4
6
8
1 0
0 . 1
1
1 0
V
Gate-Source Voltage[V]
G S
Note:
1.250us pulse test
2.V
=40V
D S
V =10V
G S
V =20V
G S
0
5
1 0
1 5
2 0
0 . 2
0 . 4
0 . 6
I Drain Current[A]
D
0 . 2
0 . 3
0 . 4
0 . 5
0 . 6 0 . 7
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
1 . 3 1 . 4
0 . 1
1
1 0
150 C
2 5 C
V
Source-Drain Voltage[V]
S D
Ciss=Cgs+Cgd(Cds=shorted)
Cos s =Cds +Cgd
Crs s =Cgd
C i s s
C o s s
C r s s
N ote:
1.V
=0V
2.f=1M H z
G S
1 0- 1
1 00
1 01
3 0 0 0
2 5 0 0
2 0 0 0
1 5 0 0
1 0 0 0
5 0 0
0
V
Drain-Source Voltae[V]
D S
V =100V
D S
V =250V
D S
V =400V
D S
0
1 0
2 0
3 0
4 0
0
2
4
6
8
1 0
1 2
Qg Toltal Gate Charge[nC]


Podobny numer części - WFP13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFP13N50 WINSEMI-WFP13N50 Datasheet
567Kb / 7P
   Silicon N-Channel MOSFET
More results

Podobny opis - WFP13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com