Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFF10N65 Arkusz danych(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Numer części WFF10N65
Szczegółowy opis  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Strona internetowa  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF10N65 Arkusz danych(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF10N65_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF10N65_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WFF10N65 Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WT-F018-Rev.A1 Jan.2014
1010
Features
10A,650V,RDS(on)(Max 0.95Ω)@VGS=10V
Ultra-low Gate Charge(Typical 34nC)
Fast Switching Capability
100%Avalanche Tested
Isolation Voltage(VISO=4000V AC)
Improved dv/dt capability
General Description
This Power MOSFET is produced using Winsemi's advanced planar
stripe,VDMOS technology. This latest technology has been especially
designed to minimize on -state resistance,have a high rugged avalanche
characteristics. This devices is specially well suited for AC-DC switching
power supplies,DC-DC power converters,high voltage h-bridge motor drive
PWM.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
650
V
ID
Continuous Drain Current(@Tc=25℃)
10*
A
Continuous Drain Current(@Tc=100℃)
6.0*
A
IDM
Drain Current Pulsed
(Note1)
40*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
712
mJ
IAR
Avalanche Current
(note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note1)
17.5
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.5
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
50
W
Derating Factor above 25℃
0.4
W/℃
TJ,Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
2.5
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W
G
D
S


Podobny numer części - WFF10N65_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFF10N65L WINSEMI-WFF10N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
More results

Podobny opis - WFF10N65_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com