Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IHLP-2525CZ-1A Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części IHLP-2525CZ-1A
Szczegółowy opis  Low Profile, High Current IHLP Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-2525CZ-1A Arkusz danych(HTML) 1 Page - Vishay Siliconix

  IHLP-2525CZ-1A Datasheet HTML 1Page - Vishay Siliconix IHLP-2525CZ-1A Datasheet HTML 2Page - Vishay Siliconix IHLP-2525CZ-1A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IHLP-2525CZ-1A
www.vishay.com
Vishay Dale
Revision: 16-Jun-16
1
Document Number: 34242
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile, High Current IHLP® Inductors
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range -55 °C to +125 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Shielded construction
• Frequency range up to 1.0 MHz
• Lowest DCR/μH, in this package size
• Powered
iron
composition
provides
soft
saturation
• Handles high transient current spikes without
hard saturation
• Ultra low buzz noise, due to composite
construction
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Engine and transmission control units
• Diesel injection drivers
• DC/DC converters for entertainment/navigation systems
• Noise suppression for motors
- Windshield wipers
- Power seats
- Power mirrors
- Heating and ventilation blowers
- HID lighting
• LED drivers
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 % AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
1.0
7.6
8.0
12.5
9.5
2.2
15.7
16.5
9.0
7.0
3.3
24.8
26.0
7.0
6.5
4.7
31.8
33.4
6.0
4.0
6.8
44.6
46.8
5.5
4.0
8.2
52.3
54.9
5.0
4.0
10
67.8
71.2
4.0
3.5
22
128.9
135.0
2.9
2.5
DIMENSIONS in inches [millimeters]
Typical Pad Layout (Min.)
0.325
[8.255]
0.135
[3.429]
0.135
[3.429]
0.255 ± 0.010
[6.47 ± 0.254]
0.270 ± 0.015
[6.86 ± 0.381]
0.125 ± 0.010
[3.18 ± 0.254]
0.050 ± 0.012
[1.27 ± 0.300]
0.118 [3.0]
Max.
0.125 ± 0.01
[3.18 ± 0.254]
0.180 ± 0.01
[4.572 ± 0.254]
0.025 ± 0.015
[0.635 ± 0.381]
0.085 ± 0.01
[2.159 ± 0254]
0.255 ± 0.010
[6.47 ± 0.254]
DESCRIPTION
IHLP-2525CZ-1A
1.0 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
2
525
C
Z
E
R
1
R
0
M
1
A
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Podobny numer części - IHLP-2525CZ-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IHLP-2525CZ-1A VISHAY-IHLP-2525CZ-1A Datasheet
154Kb / 3P
   IHLP® Automotive Inductors, Low DCR Series
Revision: 12-Sep-17
IHLP-2525CZ-1A VISHAY-IHLP-2525CZ-1A Datasheet
344Kb / 6P
   IHLP® Automotive Inductors, Low DCR Series
01-Jan-2022
IHLP-2525CZ-1A VISHAY-IHLP-2525CZ-1A_17 Datasheet
154Kb / 3P
   IHLP® Automotive Inductors, Low DCR Series
Revision: 12-Sep-17
IHLP-2525CZ-1A VISHAY-IHLP-2525CZ-1A_V01 Datasheet
344Kb / 6P
   IHLP® Automotive Inductors, Low DCR Series
01-Jan-2022
More results

Podobny opis - IHLP-2525CZ-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP1616BZEB1R0M11 VISHAY-IHLP1616BZEB1R0M11 Datasheet
246Kb / 3P
   Low Profile, High Current IHLP Inductors
Revision: 26-Feb-13
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
IHLP5050EZER7R8M01 VISHAY-IHLP5050EZER7R8M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-01 VISHAY-IHLP-5050FD-01_12 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-8A VISHAY-IHLP-5050FD-8A Datasheet
453Kb / 9P
   Low Profile, High Current IHLP Inductors
Revision: 03-May-16
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11 Datasheet
288Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 12-Sep-16
IHLP-4040DZ-A1 VISHAY-IHLP-4040DZ-A1 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-Sep-15
IHLP-4040DZ-11 VISHAY-IHLP-4040DZ-11_15 Datasheet
130Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 26-Aug-15
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com