Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DASUTCC500NF Arkusz danych(PDF) 1 Page - Pulse A Technitrol Company

Numer części DASUTCC500NF
Szczegółowy opis  UltraThin, clear radome antenna for iDAS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTCC500NF Arkusz danych(HTML) 1 Page - Pulse A Technitrol Company

  DASUTCC500NF Datasheet HTML 1Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 2Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 3Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 4Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 5Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 6Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 7Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 8Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Description: UltraThin, clear radome
antenna for iDAS
PART NUMBER: DASUTCCxxx
Series: CLARITY
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
18110 SE 34th St Bldg 2 Suite 250
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Features:
Applications:
All dimensions are in mm / inches
• Ultra-Thin
• Translucent (Clear)
• Industry leading -155 dBc at 2 x 20W
(2 x 43dBm) PIM rating
• Covers cellular bands and WiFi from
608 through 2700 MHz
• Available with N, Mini-DIN and 4.3-10
female connector
• RoHS Compliant
• Patent Pending design
• Ultra-Thin structure of products allow
installation in places where Aesthetics
is important
• Clear (Translucent) structure of
antenna make this product nearly-
invisible
• In-building DAS systems requiring
best PIM
1


Podobny numer części - DASUTCC500NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
DASUTCC500NF PULSE-DASUTCC500NF Datasheet
1Mb / 10P
   Ceiling-Mount Omni Antenna
DASUTCC500NF PULSE-DASUTCC500NF Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
More results

Podobny opis - DASUTCC500NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
DASUTCCXXX PULSE-DASUTCCXXX Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
   Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
   iDAS MIMO LTE Ceiling Mount Omni Antenna
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
   Outdoor 3G Radome Omni 4 dBi Antenna
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
   Outdoor 3G Radome Omni 2 dBi Antenna
RO600NFKIT PULSE-RO600NFKIT Datasheet
774Kb / 7P
   Outdoor 5G/4G Radome Omni Dipole Antenna
W9922 PULSE-W9922 Datasheet
74Kb / 1P
   iDAS splitter bracket
logo
Cree, Inc
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
   Fiberglass radome construction
4-9-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com