Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WFD2N60B Arkusz danych(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Numer części WFD2N60B
Szczegółowy opis  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Strona internetowa  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD2N60B Arkusz danych(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD2N60B_13 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B_13 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WFD2N60B Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Fig.7 Breakdown Voltage Variation
Vs,Temperature
Fig.11 Transient Thermal Response curve
Fig.8 On-Resistance Variation
vs.temperature
- 7 5
- 5 0
- 2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
T [ C]
j
Notes:
1.V
=0V
2.I =250uA
G S
D
0 . 0
- 7 5
- 5 0
- 2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
- 7 5
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
T [ C]
j
N otes :
1.V
=10V
2.I =1.0A
G S
D
1 00
1 01
1 02
1 03
1 0- 2
1 0- 1
1 00
1 01
V [V]
D S
D C
1 0 m s
1 m s
1 0 0 u s
Operation in This A rea
is limited by R DS(on)
Notes:
1 . Tc=25 C
2
.T =150 C
Single pulse
J
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
0 . 0
0 . 2
0 . 4
0 . 6
0 . 8
1 . 0
1 . 2
1 . 4
1 . 6
1 . 8
2 . 0
Tc[ C]
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current vs
Case Temperature
D 0 5
= .
0 . 2
0 . 1
0 . 0 5
0 . 0 2
0 . 0 1
Single Pulse
1 .Z
(t)=2 .8 7 C/W Ma x.
2 .Du ty Fa cto r,D=t1 /t2
3 .T
*T =P
*
θJ C
JM
C
DM
Z
(t)
θ J C
* N o te:
PD M
t1
t2
t ,Square Wave Pulse Duration [sec]
1
1 0
- 5
1 0
- 4
1 0
- 3
1 0
- 2
1 0
- 1
1 0
0
1 0
1
1 0
- 1
1 0
0


Podobny numer części - WFD2N60B_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFD2N60B VBSEMI-WFD2N60B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Podobny opis - WFD2N60B_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com