Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB85RC16VPNF-G Arkusz danych(PDF) 28 Page - Fujitsu Component Limited.

Numer części MB85RC16VPNF-G
Szczegółowy opis  16 K (2 K 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16VPNF-G Arkusz danych(HTML) 28 Page - Fujitsu Component Limited.

Back Button MB85RC16VPNF-G Datasheet HTML 21Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 22Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 23Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 24Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 25Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 26Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 27Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 28Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 29Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MB85RC16V
28
DS501-00010-6v0-E
2.2 IC orientation
2.3 Reel dimensions
Dimensions in mm
Reel No
123456789
10
11
12
13
14
15
Tape width
Symbol
8
1216243244
56
12
16
24
A
254 ± 2 254 ± 2 330 ± 2 254 ± 2 330 ± 2 254 ± 2 330 ± 2
330 ± 2
B
100
100
150
100
150
100
100 ± 2
C
13 ± 0.2
13
D
21 ± 0.8
20.5
E
2 ± 0.5
W1
8.4
12.4
16.4
24.4
32.4
44.4
56.4
12.4
16.4
24.4
W2
less than
14.4
less than 18.4
less than 22.4
less than 30.4
less than 38.4
less than 50.4
less than
62.4
less than
18.4
less than
22.4
less than
30.4
W3
7.9 ~ 10.9
11.9 ~ 15.4
15.9 ~ 19.4
23.9 ~ 27.4
31.9 ~ 35.4
43.9 ~ 47.4
55.9 ~
59.4
12.4 ~
14.4
16.4 ~
18.4
24.4 ~
26.4
r1.0
(User Direction of Feed)
(User Direction of Feed)
• ER type
Index mark
(Reel side)
: Hub unit width dimensions
Reel cutout dimensions
W1
W2
r
E
W3
+2
-0
+2
-0
+2
-0
+2
-0
+2
-0
+2
-0
+0.5
-0.2
+1
-0.2
+2
-0
+2
-0
+2
-0
+2
-0
+2
-0
+2
-0
+2
-0
+1
-0
+1
-0
+0.1
-0


Podobny numer części - MB85RC16VPNF-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
More results

Podobny opis - MB85RC16VPNF-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com