Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTCS0402E3-T Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części NTCS0402E3-T
Szczegółowy opis  SMD 0402, Glass Protected NTC Thermistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0402E3-T Arkusz danych(HTML) 1 Page - Vishay Siliconix

  NTCS0402E3-T Datasheet HTML 1Page - Vishay Siliconix NTCS0402E3-T Datasheet HTML 2Page - Vishay Siliconix NTCS0402E3-T Datasheet HTML 3Page - Vishay Siliconix NTCS0402E3-T Datasheet HTML 4Page - Vishay Siliconix NTCS0402E3-T Datasheet HTML 5Page - Vishay Siliconix NTCS0402E3-T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTCS0402E3.....T
www.vishay.com
Vishay BCcomponents
Revision: 04-Feb-13
1
Document Number: 29003
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD 0402, Glass Protected NTC Thermistors
FEATURES
• TCR ranging from - 6.5 %/K at - 40 °C to - 2 %/K
at 150 °C
• Tolerance on R25 down to 1 %
• Suitable for wave or reflow soldering
• NiSn terminations
• Fully glass coated and protected
• cUL recognized for safety applications
(file E148885)
• AEC-Q200 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature sensing, protection and compensation in
automotive,
industrial,
telecom
and
consumer
applications. Examples are:
- Battery chargers
- Power suppliers
- Office equipment
- LCD compensation
- In-car entertainment
DESCRIPTION
Size 0402 chip thermistors with a negative temperature
coefficient. The device has no marking.
PACKAGING
Available in 8 mm punched paper tape on reel package of
10 000 units.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/resistors-non-linear/ntc-curve-list/
Note
(1) Replace * in SAP by J for ± 5 %, H for ± 3 %, G for ± 2 %, F for ± 1 % tolerance on R25.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 100K
Tolerance on R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3490 to 4075
K
Tolerance on B25/85-value
± 3
%
Maximum dissipation at 25 °C
70
mW
Thermal time constant
 5s
Dissipation factor D
 2.0
mW/K
Operating temperature range
at zero power
- 40 to + 150
°C
Weight
 1.2
mg
ELECTRICAL DATA AND ORDERING INFORMATION
R25-VALUE
(k
)
TOLERANCE ON R25
(%)
B25/85-VALUE
(K)
SAP MATERIAL AND ORDERING NUMBER ... (1)
4.7
± 3;± 5
3595
NTCS0402E3472*MT
10
± 1; ± 2; ± 3; ± 5
3490
NTCS0402E3103*LT
10
± 3;± 5
3950
NTCS0402E3103*HT
15
± 3;± 5
3965
NTCS0402E3153*HT
22
± 3;± 5
3590
NTCS0402E3223*MT
33
± 3;± 5
3670
NTCS0402E3333*MT
47
± 1; ± 2; ± 3; ± 5
4075
NTCS0402E3473*XT
68
± 3;± 5
3910
NTCS0402E3683*HT
100
± 1; ± 2; ± 3; ± 5
3950
NTCS0402E3104*HT


Podobny numer części - NTCS0402E3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
NTCS0402E3 VISHAY-NTCS0402E3 Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0402E3 VISHAY-NTCS0402E3 Datasheet
98Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3.....T VISHAY-NTCS0402E3.....T Datasheet
97Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3103HT VISHAY-NTCS0402E3103HT Datasheet
98Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3103HT VISHAY-NTCS0402E3103HT Datasheet
97Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
More results

Podobny opis - NTCS0402E3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0402E3 VISHAY-NTCS0402E3_V01 Datasheet
98Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3.....T VISHAY-NTCS0402E3.....T Datasheet
97Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3T VISHAY-NTCS0402E3T Datasheet
129Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473JHT VISHAY-NTCS0805E3473JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3 VISHAY-NTCS0805E3_V01 Datasheet
121Kb / 3P
   SMD 0805, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0805E3473HHT VISHAY-NTCS0805E3473HHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3474JXT VISHAY-NTCS0805E3474JXT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com