Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M55342E06B4B70R Arkusz danych(PDF) 3 Page - TT Electronics.

Numer części M55342E06B4B70R
Szczegółowy opis  Precision Military and Space Qualified Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

M55342E06B4B70R Arkusz danych(HTML) 3 Page - TT Electronics.

  M55342E06B4B70R Datasheet HTML 1Page - TT Electronics. M55342E06B4B70R Datasheet HTML 2Page - TT Electronics. M55342E06B4B70R Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Military and Space
Qualified Chip Resistors
MIL-CHIP Series
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ordering Procedure
Example: D55342H07B1E00S (Style RM1206, ±50ppm/°C, specification number 07, SnPb termination, 1kΩ, ±1%, failure rate 0.001%/1000 hours)
D
5
5
3
4
2
H
0
7
B
1
E
0
0
S
1
2
3
4
5
6
1
2
3
4
5
6
Military
Designator
Characteristic Specification Termination Value & Tolerance
Product Level
M55342
0402,
0603,
0805
E 25ppm/°C 11
0402
B
SnPb
4 character code.
Letter code marks
decimal position and
indicates multiplier
and tolerance - see
table below.
C
Non-ER
H 50 ppm/°C 12
0603
M
1%/1000hrs
K 100 ppm/°C 06
0805
P
0.1%/1000hrs
D55342 1206 M 300 ppm/°C 07
1206
R
0.01%/1000hrs
S 0.001%/1000hrs
T
Space level
Value &
Tolerance Code
Multiplier
x1
x 1000
x1000,000
Tolerance
0.1%
A
B
C
1%
D
E
F
2%
G
H
T
5%
J
K
L
10%
M
N
P


Podobny numer części - M55342E06B4B70R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
More results

Podobny opis - M55342E06B4B70R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
IRC - a TT electronics ...
M55342E04B1E00C IRCTT-M55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
logo
Vishay Siliconix
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
   Automotive Qualified Professional and Precision Thin Film Chip Resistors
Revision 21-Jan-13
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com