Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OARSXPR010FLF Arkusz danych(PDF) 4 Page - TT Electronics.

Numer części OARSXPR010FLF
Szczegółowy opis  Surface Mount Sense Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARSXPR010FLF Arkusz danych(HTML) 4 Page - TT Electronics.

  OARSXPR010FLF Datasheet HTML 1Page - TT Electronics. OARSXPR010FLF Datasheet HTML 2Page - TT Electronics. OARSXPR010FLF Datasheet HTML 3Page - TT Electronics. OARSXPR010FLF Datasheet HTML 4Page - TT Electronics. OARSXPR010FLF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Flamm
Construction
ability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload.
Marking
The parts are legend marked with
Copper terminations are welded to resistance alloy strip which is then formed. Value adjustment is achieved
by control of width, without the need for subsequent abrasion or notch trimming.
Pb-free termination finish is 96% Sn / 4% Ag alloy.
ohmic value and tolerance code.
Packaging Data
Dimensions (mm)
Type
A
B
C
D
E
F
G
OARS1/3, OARS-1Z 4.32±0.08 11.7±0.08
8±0.1
OARS-XP-R001
11.94±0.1
OARS-XP >R001 7.21±0.1
11.56±0.1
24±0.3
11.5±0.1
1.75±0.1
12±0.1
4±0.1
07.11
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
Standard 4-Terminal Probe Positions for Measuring Unmounted Parts
0.79
6.35
1.27
Ø 0.76
7.94
All dimensions in mm
Standard 4-Terminal Probe Positions for Measuring Unmounted Parts
0.79
6.35
1.27
Ø 0.76
7.94
All dimensions in mm
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Podobny numer części - OARSXPR010FLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
More results

Podobny opis - OARSXPR010FLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
OARS1R050FLF TTELEC-OARS1R050FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com