Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DL-120-24-00-00-00 Arkusz danych(PDF) 2 Page - Laird Tech Smart Technology

Numer części DL-120-24-00-00-00
Szczegółowy opis  Reliable solid-state operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LSTD [Laird Tech Smart Technology]
Strona internetowa  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DL-120-24-00-00-00 Arkusz danych(HTML) 2 Page - Laird Tech Smart Technology

  DL-120-24-00-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology DL-120-24-00-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology DL-120-24-00-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology DL-120-24-00-00-00 Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 DL‐120‐24‐00‐00‐00 
Direct‐to‐Liquid Thermoelectric Assembly 
 
  
 
 
 
 
 
 
SPECIFICATIONS 
TECHNICAL
 
 
Technology 
Thermoelectric modules, liquid cooling, closed 
loop (non‐mixing), filterless, non‐refrigerant 
Cooling at ΔT = 0°C 
135W (461 Btu/h)  
Voltage (nominal / maximum) 
1 
24/28 VDC  
COP (Coefficient of Performance) 
73% 
Grounding (all voltages) 
Positive or negative  
Current draw, ±10% (nominal / startup) 
4.1/4.7 A 
Weight 
0.7 kg (1.5 lbs) 
Connector type (on unit / mating side)  
TEM: Leads, 18 AWG, Red/Black 
OHT: Leads 
ENVIRONMENTAL 
 
Temperature range 
‐40°C to +62°C (‐40°F to +143°F)  
Hi‐Pot Test 
750 VDC  
Over temp Thermostat 
75°C±5°C (167°F±41°F) on hot side heat sink 
 
1) Max ripple 5% 


Podobny numer części - DL-120-24-00-00-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DL-100-7-KER ETC1-DL-100-7-KER Datasheet
217Kb / 2P
   Position Sensing Photodiodes Special characteristics
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
logo
HOKURIKU ELECTRIC INDUS...
DL-1001L HOKURIKU-DL-1001L Datasheet
56Kb / 1P
   Microwave Components
DL-1001L/R HOKURIKU-DL-1001L/R Datasheet
56Kb / 1P
   Microwave Components
DL-1001R HOKURIKU-DL-1001R Datasheet
56Kb / 1P
   Microwave Components
More results

Podobny opis - DL-120-24-00-00-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
   Reliable solid state operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
   Reliable solid-state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
   Reliable Solid State Operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
   Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
   Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
   Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
   Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
   Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
   Reliable solid state operation
MS2 LSTD-MS2 Datasheet
549Kb / 2P
   Reliable solid state operation
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com