Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UMH9NFHA Arkusz danych(PDF) 2 Page - Rohm

Numer części UMH9NFHA
Szczegółowy opis  General purpose (Dual digital transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

UMH9NFHA Arkusz danych(HTML) 2 Page - Rohm

  UMH9NFHA Datasheet HTML 1Page - Rohm UMH9NFHA Datasheet HTML 2Page - Rohm UMH9NFHA Datasheet HTML 3Page - Rohm UMH9NFHA Datasheet HTML 4Page - Rohm UMH9NFHA Datasheet HTML 5Page - Rohm UMH9NFHA Datasheet HTML 6Page - Rohm UMH9NFHA Datasheet HTML 7Page - Rohm UMH9NFHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UMH9N FHA
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-6 to 40
V
Output current
IO
70
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
PD*2*3
150
mW/TOTAL
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.3
V
VI(on)
VO = 0.3V, IO = 1mA
1.4
-
-
Output voltage
VO(on)
IO = 5mA, II = 0.25mA
-
100
300
mV
Input current
II
VI = 5V
-
-
880
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
68
-
-
-
Input resistance
R1
-
7
10
13
Resistance ratio
R2/R1
-
3.7
4.7
5.7
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20161012 - Rev.001


Podobny numer części - UMH9NFHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
73Kb / 4P
   General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
UMH9N JIANGSU-UMH9N Datasheet
1Mb / 4P
   Dual Digital Transistors
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
1Mb / 9P
   General purpose (dual digital transistors)
More results

Podobny opis - UMH9NFHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com