Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EMH10FHA Arkusz danych(PDF) 2 Page - Rohm

Numer części EMH10FHA
Szczegółowy opis  General purpose (Dual digital transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

EMH10FHA Arkusz danych(HTML) 2 Page - Rohm

  EMH10FHA Datasheet HTML 1Page - Rohm EMH10FHA Datasheet HTML 2Page - Rohm EMH10FHA Datasheet HTML 3Page - Rohm EMH10FHA Datasheet HTML 4Page - Rohm EMH10FHA Datasheet HTML 5Page - Rohm EMH10FHA Datasheet HTML 6Page - Rohm EMH10FHA Datasheet HTML 7Page - Rohm EMH10FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EMH10 FHA
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-5 to 12
V
Output current
IO
100
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
PD*2*3
150
mW/TOTAL
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 5mA
1.1
-
-
Output voltage
VO(on)
IO = 5mA, II = 0.25mA
-
100
300
mV
Input current
II
VI = 5V
-
-
3.6
mA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 10mA
80
-
-
-
Input resistance
R1
-
1.54
2.2
2.86
Resistance ratio
R2/R1
-
17
21
26
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20161012 - Rev.001


Podobny numer części - EMH10FHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Jin Yu Semicon...
EMH10 HTSEMI-EMH10 Datasheet
392Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMH10 ROHM-EMH10 Datasheet
119Kb / 3P
   General purpose (dual digital transistors)
EMH10 ROHM-EMH10 Datasheet
119Kb / 3P
   General purpose (dual digital transistors)
EMH10 ROHM-EMH10 Datasheet
119Kb / 3P
   General purpose (dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
More results

Podobny opis - EMH10FHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
   General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
   General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
   General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
   General purpose Dual digital transistor
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
   General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
   General purpose (Dual digital transistor)
EMH4FHA ROHM-EMH4FHA Datasheet
1Mb / 7P
   General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
   General purpose (dual digital transistor)
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
   General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
   General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
   General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com