Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS7005-CQT Arkusz danych(PDF) 7 Page - Gennum Corporation

Numer części GS7005-CQT
Szczegółowy opis  Complete Serial Digital Video Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7005-CQT Arkusz danych(HTML) 7 Page - Gennum Corporation

Back Button GS7005-CQT Datasheet HTML 3Page - Gennum Corporation GS7005-CQT Datasheet HTML 4Page - Gennum Corporation GS7005-CQT Datasheet HTML 5Page - Gennum Corporation GS7005-CQT Datasheet HTML 6Page - Gennum Corporation GS7005-CQT Datasheet HTML 7Page - Gennum Corporation GS7005-CQT Datasheet HTML 8Page - Gennum Corporation GS7005-CQT Datasheet HTML 9Page - Gennum Corporation GS7005-CQT Datasheet HTML 10Page - Gennum Corporation GS7005-CQT Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
GENNUM CORPORATION
522 - 14 - 06
7
TYPICAL PERFORMANCE CURVES (VCC = 5V, TA = 25°C unless otherwise shown)
Fig. 5 Input Return Loss
Fig. 6 Loop Bandwidth
Fig. 7 Input Impedance
Fig. 8 Power vs. Temperature
0.05 GHz
1 GHz
FREQUENCY (GHz)
135MHz
270MHz
0
-10
-20
-30
-40
-50
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0
-3
-6
600kHz
54MHz
1.97GHz
270MHz
540MHz
-J0.5
J0.5
-J1
J1
-J2
J2
Impedances
normalized
to 50
9
0
10
20
30
40
50
60
70
80
90
800
700
600
500
400
300
200
100
0
TEMPERATURE (˚C)


Podobny numer części - GS7005-CQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CQT ETC-GS7000-CQT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CTT ETC-GS7000-CTT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
More results

Podobny opis - GS7005-CQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com