Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LEF-C5001T Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części LEF-C5001T
Szczegółowy opis  FULL COLOR LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

LEF-C5001T Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  LEF-C5001T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Letex Technology Corp.
FULL COLOR LED LAMPS
Model No.: LEF-C5001T
Features:
‧High capability and high steady
‧Low power dissipation
‧Both kinds of function:Controls for Mono and Multi Lite
‧Mono lite can be automatically started up by electric power
‧Gradated controls for bright or dark
Statements:
Lightened 3-color (RGB)Blinking LED,it can be automatically started when turn on.
Blinking modes:R, G, B, RG, GB, RB, RGB,gradating bright or dark
Absolute Maximum Ratings (Ta=25℃)
CHARACTERISTIC
SYMBOL
Max.
UNIT
Supply voltage
VDD
6
V
Input / Output Voltage
Vi / Vo
VDD+0.3
V
Storage Temperature
Tstg
125
Operating Temperature
Top
70
DC Electrical Properties (Ta=25℃)
CHARACTERISTIC
SYMBOL
CONDITION
Min.
Typ.
Max.
UNIT
Operating Voltage
VDD
2.2
3
5
V
Static current
Istb
VDD =3V
0.1
1
µA
Output current
RL,GL,BL
Iol
Vol=0.8V
26
mA
Blinking speed
FLED
Build-in , VDD=3V
1.7
Hz
High voltage level of
Input
Vih
VDD =3V
1.8
V
Low voltage level of
Input
Vil
VDD =3V
0.8
V
Emitted Color : R,G,B,RG,GB,RB,RGB
Lens Color : Water clear
Unit : mm


Podobny numer części - LEF-C5001T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
   FULL COLOR LED LAMPS
LEF-C5004T ETC1-LEF-C5004T Datasheet
59Kb / 2P
   FULL COLOR LED LAMPS
More results

Podobny opis - LEF-C5001T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
   FULL COLOR LED LAMPS
logo
Lucky Light Electronic
GB-U42 LUCKY-LIGHT-GB-U42 Datasheet
43Kb / 1P
   Full-Color LED Lamps
logo
List of Unclassifed Man...
LEF-C5004T ETC1-LEF-C5004T Datasheet
59Kb / 2P
   FULL COLOR LED LAMPS
logo
A-BRIGHT Inc
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T_09 Datasheet
272Kb / 6P
   Full Color Chip LED Lamps
AL-HD1G6B433T A-BRIGHT-AL-HD1G6B433T Datasheet
320Kb / 5P
   Full Color Chip LED Lamps
2007/6/13
AL-HUBG6B434T A-BRIGHT-AL-HUBG6B434T Datasheet
275Kb / 6P
   Full Color Chip LED Lamps
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T Datasheet
340Kb / 7P
   Full Color Chip LED Lamps
2007/6/13
logo
Lucky Light Electronic
GB-339RPGBC-A LUCKY-LIGHT-GB-339RPGBC-A Datasheet
45Kb / 1P
   Full-Color, LED Lamps (5mm, 4 Pins)
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
   10mm FULL COLOR RGB LAMPS
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
   FULL COLOR LED
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com