Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP11DTR2 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC10EP11DTR2
Szczegółowy opis  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11DTR2 Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC10EP11DTR2 Datasheet HTML 1Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 2Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 3Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 4Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 5Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 6Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 7Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10EP11, MC100EP11
http://onsemi.com
6
tPHL
Figure 3. AC Reference Measurement
D
D
Q
Q
tPLH
VINPP = VIH(CLK) − VIL(CLK)
VOUTPP = VOH(Q) − VOL(Q)
V TT = V CC − 2.0 V
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 − Termination of ECL Logic Devices.)
W
Driver
Device
Receiver
Device
QD
50
W
50
V TT
Q
D
Z0 = 50 W
Z0 = 50 W
Resource Reference of Application Notes
AN1404
ECLinPS Circuit Performance at Non−Standard VIH Levels
AN1405
ECL Clock Distribution Techniques
AN1406
Designing with PECL (ECL at +5.0 V)
AN1504
Metastability and the ECLinPS Family
AN1568
Interfacing Between LVDS and ECL
AN1650
Using Wire−OR Ties in ECLinPS Designs
AN1672
The ECL Translator Guide
AND8001
Odd Number Counters Design
AND8002
Marking and Date Codes
AND8009
ECLinPS Plus Spice I/O Model Kit
AND8020
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


Podobny numer części - MC10EP11DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11DTR2 ONSEMI-MC10EP11DTR2 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results

Podobny opis - MC10EP11DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com