Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02-09-00 Arkusz danych(PDF) 1 Page - Systemsensor advanced ideas.

Numer części M02-09-00
Szczegółowy opis  400 Series Plug-In Thermal Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYSTEMSENSOR [Systemsensor advanced ideas.]
Strona internetowa  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

M02-09-00 Arkusz danych(HTML) 1 Page - Systemsensor advanced ideas.

  M02-09-00 Datasheet HTML 1Page - Systemsensor advanced ideas. M02-09-00 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
400 Series Plug-In
Thermal Detectors
System Sensor 400 Series plug-in thermal detectors
meet the performance criteria designated by
Underwriters Laboratories.
Features
• Low standby current
• Two visible LEDs “blink” in standby and provide a 360° field
viewing angle
• Wide variety of mounting bases with built-in shorting spring
• Detector head plugs easily into base
• Built-in test switch
• Field sensitivity metering of detector to meet the requirements
of NFPA 72
• Built-in tamper-resistant feature
• SEMS screws for easy wiring
• Optional recessed mounting
The 5451 thermal detector meets the needs for applications
where rapid response is vital and rapid temperature increases would
only be caused by a fire emergency.
This detector contains a unique dual thermistor heat sensing circuit
that provides maximum performance and solid-state reliability. It
initiates an alarm in response to both rapid rate-of-rise conditions
(increases in excess of 15°F per minute) and fixed heat (135°F). This
enables the heat detector to communicate an alarm to the central
control panel prior to reaching its fixed set point for high rates of
rise, providing a timely response to both rapid and slow temperature
increases.
Additional key features include a recessed mounting option, a variety
of mounting bases, and a full line of optional accessories.
S2101
OB3AO.AY
7270-1653:104


Podobny numer części - M02-09-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Systemsensor advanced i...
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
M02-09-00 GAMEWELL-FCI-M02-09-00 Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
logo
Systemsensor advanced i...
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
More results

Podobny opis - M02-09-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
   Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
Systemsensor advanced i...
SPDS106 SYSTEMSENSOR-SPDS106 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
   Low-Profile Plug-in Smoke Detectors
2251B SYSTEMSENSOR-2251B Datasheet
492Kb / 2P
   Intelligent Low Profile Plug-in Detectors
1151 SYSTEMSENSOR-1151 Datasheet
87Kb / 4P
   Low Profile Ionization Plug-in Smoke Detectors
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
   Plug-in 190째F Thermal Detector
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
   RF Power Detectors in UCSP
Rev 6; 9/06
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com