Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV118 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części MTV118
Szczegółowy opis  On-Screen-Display for LCD Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MTV118 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  MTV118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/15
MTV118 Revision 2.0 01/01/1999
MTV118
MYSON
TECHNOLOGY
3.1.2 I2C Bus
I2C bus operation is only selected when the SSB pin is left floating. A valid transmission should begin
from writing the slave address 7AH, which is mask option, to MTV118. The protocol is shown in Figure
2 on page 4..
There are 3 transmission formats as shown below:
Format (a) S - R - C - D
→ R - C - D → R - C - D
Format (b) S - R - C - D
→ C - D → C - D → C - D
Format (c) S - R - C - D
→ D → D → D → D → D
S=slave address, R=row address, C=column address, D=display data
Each arbitrary length of data packet consists of 3 portions: row address (R), column address (C) and
display data (D). Format (a) is suitable for updating small amounts of data which will be allocated with
different row and column addresses. Format (b) is recommended for updating data that has the same
row address but a different column address. Massive data updating or full screen data changes should
be done in format (c) to increase transmission efficiency. The row and column addresses will be incre-
mented automatically when format (c) is applied. Furthermore, the undefined locations in display or font
RAM should be filled with dummy data.
There are 3 types of data which should be accessed through the serial data interface: address bytes of
display registers, attribute bytes of display registers and user font RAM data. The protocol is the same
for all except bits 5 and 6 of the row addresses. The MSB(b7) is used to distinguish row and column
addresses when transferring data from an external controller. Bit 6 of the row address is used to distin-
guish display registers and user font RAM data and bit6 of the column address is used to differentiate
the column address for formats (a), (b) and (c), respectively. Bit 5 of the row address for display regis-
ters is used to distinguish the address byte when it is set to "0" and the attribute byte when it is set to
"1". The configuration of transmission formats is shown in Table 1 on page 5.
MS
B
LSB
SSB
SCK
SDA
first byte
last byte
FIGURE 1. Data Transmission Protocol (SPI)
FIGURE 2. Data Transmission Protocol (I2C)
SCK
SDA
first byte
¡@¡@¡@¡@
¡@
START
ACK
second byte
last byte
ACK
STOP
B7
B6
B0
B7
B0


Podobny numer części - MTV118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112AN-999 ETC2-MTV112AN-999 Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results

Podobny opis - MTV118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com