Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1G43 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części SM1G43
Szczegółowy opis  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM1G43 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  SM1G43 Datasheet HTML 1Page - Toshiba Semiconductor SM1G43 Datasheet HTML 2Page - Toshiba Semiconductor SM1G43 Datasheet HTML 3Page - Toshiba Semiconductor SM1G43 Datasheet HTML 4Page - Toshiba Semiconductor SM1G43 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM1G43,SM1J43
2001-07-10
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM1G43,SM1J43
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400, 600V
l R.M.S On−State Current
: IT (RMS) = 1A
l Higt Commutating (dv / dt)
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SM1G43
400
Repetitive Peak
Off−State Voltage
SM1J43
VDRM
600
V
R.M.S On−State Current
(Full Sine Waveform Tc = 74°C)
IT (RMS)
1.0
A
8 (50Hz)
Peak One Cycle Surge On−State
Current (Non-Repetitive)
ITSM
8.8 (60Hz)
A
I
2
t Limit Value
I
2
t
0.32
A
2
s
Peak Gate Power Dissipation
PGM
1
W
Average Gate Power Dissipation
PG (AV)
0.1
W
Peak Gate Voltage
VGM
6
V
Peak Gate Current
IGM
0.5
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Unit: mm
JEDEC
TO−92
JEITA
SC−43
TOSHIBA
13−5A1E
Weight: 0.2g


Podobny numer części - SM1G43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DACO SEMICONDUCTOR CO.,...
SM1G DACO-SM1G Datasheet
153Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
More results

Podobny opis - SM1G43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com