Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2157F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA2157F
Szczegółowy opis  Digital Servo Head Amp for CD System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2157F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA2157F Datasheet HTML 1Page - Toshiba Semiconductor TA2157F Datasheet HTML 2Page - Toshiba Semiconductor TA2157F Datasheet HTML 3Page - Toshiba Semiconductor TA2157F Datasheet HTML 4Page - Toshiba Semiconductor TA2157F Datasheet HTML 5Page - Toshiba Semiconductor TA2157F Datasheet HTML 6Page - Toshiba Semiconductor TA2157F Datasheet HTML 7Page - Toshiba Semiconductor TA2157F Datasheet HTML 8Page - Toshiba Semiconductor TA2157F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TA2157F/FN
2002-11-21
4
Pin
No.
Symbol
I/O
Function Description
Internal Circuit
9
TEBC
I
Tracking error balance adjustment signal input pin
Adjusts TE signal balance by eliminating
carrier component from PWM signal (3-state
output, PWM carrier
= 88.2 kHz) output from
TC94A14F/FA/FB TEBC pin using RC-LPF and
inputting DC.
TEBC input voltage: GND~VCC
10
TEN
I
Tracking error signal generation amp
negative-phase input pin
11
TEO
O
Tracking error signal generation amp output pin.
Combining TEO signal and RFRP signal with
TC94A14F/FA/FB configures tracking search
system.
12
RFDC
O
RF signal peak detection output pin
13
GVSW
I
AGC/FE/TE amp gain change pin
GVSW
Mode
GND
CD-RW
HiZ
VCC
Normal
9
15 k
W
11
10
20 k
W
167
W
VC
167
W
VC
12
15 k
W
500
W
13
30 k
W


Podobny numer części - TA2157F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
More results

Podobny opis - TA2157F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com