Zakładka z wyszukiwarką danych komponentów |
|
TLP750 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP750 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TLP750 2002-09-25 1 TOSHIBA Photocoupler GaAℓAs Ired + Photo IC TLP750 Degital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation The TOSHIBA TLP750 consists of GaAℓAs high−output light emitting diode and a high speed detector of one chip photo diode−transistor. This unit is 8−lead DIP. TLP750 has no internal base connection, and is suitable for application in noisy environmental conditions. · Switching speed: tpHL=0.3µs(typ.) · Switching speed: tpLH=0.5µs(typ.)(RL=1.9kΩ) · UL recognized: UL1577, file No. E67349 · BSI approved: BS EN60065: 1994, Certificate No.7613 BS EN60950: 1992, Certificate No.7614 · Isolation voltage: 5000Vrms(min.) · Option(d4)type VDE approved: DIN VDE0884/06.92, Certificate No.68384 Maximum operating insulation voltage: 890VPK Highest permissible over voltage: 8000VPK (Note) When a VDE0884 approved type is needed, please designate the “Option(D4)” · Creepage distance: 6.4mm(min.) Clearance: 6.4mm(min.) Insulation thickness: 0.4mm(min.) Pin Configuration (top view) 1 2 8 7 6 5 3 4 1 : N.C. 2 : Anode 3 : Cathode 4 : N.C. 5 : Emitter 6 : Collector 7 : N.C. 8 : Cathode Schematic 2 3 8 6 5 VF IF VCC ICC IO VO GND TOSHIBA 11 −10C4 Weight: 0.54g Unit in mm |
Podobny numer części - TLP750 |
|
Podobny opis - TLP750 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |