Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP750 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP750
Szczegółowy opis  TOSHIBA Photocoupler GaA?밃s Ired Photo IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP750 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP750 Datasheet HTML 1Page - Toshiba Semiconductor TLP750 Datasheet HTML 2Page - Toshiba Semiconductor TLP750 Datasheet HTML 3Page - Toshiba Semiconductor TLP750 Datasheet HTML 4Page - Toshiba Semiconductor TLP750 Datasheet HTML 5Page - Toshiba Semiconductor TLP750 Datasheet HTML 6Page - Toshiba Semiconductor TLP750 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP750
2002-09-25
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=16mA
1.65
1.85
V
Forward voltage
temperature coefficient
∆VF / ∆Ta
IF=16mA
-2
mV / °C
Reverse current
IR
VR=5V
10
µA
Capacitance between
terminal
CT
VF=0, f=1MHz
45
pF
IOH(1)
IF=0mA, VCC=VO=5.5V
3
500
nA
IOH(2)
IF=0mA, VCC=VO=15V
5
µA
High level output
current
IOH
IF=0mA, VCC=VO=15V
Ta=70°C
50
µA
High level supply
voltage
ICCH
IF=0mA, VCC=15V
0.01
1
µA
Ta=25°C
10
30
Rank: 0
19
30
Ta=0~70°C
5
Current transfer ratio
IO/IF
IF=16mA
VCC=4.5V
VO=0.4V
Rank: 0
15
%
Low level output
voltage
VOL
IF=16mA, VCC=4.5V,
IO=1.1mA
(rank 0: IO=2.4mA)
0.4
V
Isolation resistance
RS
R.H.=60%, V=5000VDC
(Note 7)
1×10
12
10
14
Capacitance between
input to output
CS
VS=0, f=1MHz
(Note 8)
0.8
pF
Switching Characteristics (Ta = 25°C, VCC = 5V)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
IF=0→16mA, VCC=5V,
0.2
0.8
Propagation delay time
(H→L)
tpHL
RL=4.1kΩ Rank 0: RL=1.9kΩ
0.3
0.8
µs
IF=16→0mA, VCC=5V,
1.0
2.0
Propagation delay time
(L→H)
tpLH
1
RL=4.1kΩ Rank 0: RL=1.9kΩ
0.5
1.2
µs
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF=0mA, VCM=200Vp-p
RL=4.1kΩ
(Rank 0: RL=1.9kΩ)
1500
V / µs
Common mode transient
immunity at logic low
output
(Note 8)
CML
2
IF=16mA, VCM=200Vp-p
RL=4.1kΩ
(Rank 0: RL=1.9kΩ)
-1500
V / µs


Podobny numer części - TLP750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   Digital Logic Ground Isolation
TLP750 TOSHIBA-TLP750_07 Datasheet
191Kb / 7P
   Digital Logic Ground Isolation
More results

Podobny opis - TLP750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com