Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLW.8600 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TLW.8600
Szczegółowy opis  clear, non diffused LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TLW.8600 Arkusz danych(HTML) 5 Page - Texas Instruments

  TLW.8600 Datasheet HTML 1Page - Texas Instruments TLW.8600 Datasheet HTML 2Page - Texas Instruments TLW.8600 Datasheet HTML 3Page - Texas Instruments TLW.8600 Datasheet HTML 4Page - Texas Instruments TLW.8600 Datasheet HTML 5Page - Texas Instruments TLW.8600 Datasheet HTML 6Page - Texas Instruments TLW.8600 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
TLW.8600
Document Number 83168
Rev. A4, 22-Apr-03
Vishay Semiconductors
www.vishay.com
5
Figure 13. Rel. Luminous Flux vs. Ambient Temperature
Figure 14. Specific Luminous Flux vs. Forward Current
Figure 15. Relative Luminous Flux vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20
0
20
40
60
80 100
15977
IF =70mA
Yellow
Tamb – Ambient Temperature ( °C)
0.1
1.0
1
10
100
IF – Forward Current ( mA )
15981
Yellow
0.01
0.10
1.00
10.00
1
10
100
IF - Forward Current ( mA )
15979
Yellow
Figure 16. Relative Intensity vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
l – Wavelength ( nm )
16008
IF = 50 mA
Yellow


Podobny numer części - TLW.8600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
   LOW PROFILE .025" SQ POST HEADERS
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
   Panel Circuit Indicator
logo
Vishay Siliconix
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWB7900 VISHAY-TLWB7900 Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
More results

Podobny opis - TLW.8600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
   Blue Clear and Diffused, Water Clear LED
logo
Siemens Semiconductor G...
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
logo
Fairchild Semiconductor
HLMPQ150AGR FAIRCHILD-HLMPQ150AGR Datasheet
524Kb / 6P
   DIFFUSED AND CLEAR LAMPS
logo
Vishay Siliconix
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
logo
Fairchild Semiconductor
HLMP6305AZR FAIRCHILD-HLMP6305AZR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Vishay Siliconix
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com