Zakładka z wyszukiwarką danych komponentów |
|
AD5162BRM10 Arkusz danych(PDF) 10 Page - Analog Devices |
|
AD5162BRM10 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 20 page AD5162 Rev. A | Page 10 of 20 –30 –20 –10 0 10 20 30 40 50 128 96 32 64 0 160 192 224 256 CODE (DECIMAL) RAB = 10kΩ VDD = 2.7V TA = –40°C TO +85°C, –40°C TO +125°C VDD = 5.5V TA = –40°C TO +85°C, –40°C TO +125°C Figure 15. Potentiometer Mode Tempco ∆VWB/∆T vs. Code –60 –54 –48 –42 –36 –30 –24 –18 –12 –6 0 FREQUENCY (Hz) 10k 1M 100k 10M 0x80 0x40 0x20 0x10 0x08 0x04 0x01 0x02 Figure 16. Gain vs. Frequency vs. Code, RAB = 2.5 kΩ –60 –54 –48 –42 –36 –30 –24 –18 –12 –6 0 FREQUENCY (Hz) 1k 100k 10k 1M 0x80 0x40 0x20 0x10 0x08 0x04 0x01 0x02 Figure 17. Gain vs. Frequency vs. Code, RAB = 10 kΩ –60 –54 –48 –42 –36 –30 –24 –18 –12 –6 0 FREQUENCY (Hz) 1k 100k 10k 1M 0x80 0x40 0x20 0x10 0x08 0x04 0x01 0x02 Figure 18. Gain vs. Frequency vs. Code, RAB = 50 kΩ –60 –54 –48 –42 –36 –30 –24 –18 –12 –6 0 FREQUENCY (Hz) 1k 100k 10k 1M 0x80 0x40 0x20 0x10 0x08 0x04 0x01 0x02 Figure 19. Gain vs. Frequency vs. Code, RAB = 100 kΩ –60 –54 –48 –42 –36 –30 –24 –18 –12 –6 0 FREQUENCY (Hz) 10k 1k 100k 1M 10M 100k Ω 60kHz 50k Ω 120kHz 10k Ω 570kHz 2.5k Ω 2.2MHz Figure 20. –3 dB Bandwidth @ Code = 0x80 |
Podobny numer części - AD5162BRM10 |
|
Podobny opis - AD5162BRM10 |