Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-NUCLEO-USB001 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części P-NUCLEO-USB001
Szczegółowy opis  A power connector to interface with external power supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P-NUCLEO-USB001 Arkusz danych(HTML) 4 Page - STMicroelectronics

  P-NUCLEO-USB001 Datasheet HTML 1Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 2Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 3Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 4Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 5Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 6Page - STMicroelectronics P-NUCLEO-USB001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P-NUCLEO-USB001 system architecture
P-NUCLEO-USB001
4/7
DocID029202 Rev 2
The USB-C and Power Delivery expansion board includes:
Two DRP USB Type-Cports with:
Discrete analog front-end PHY for USB Type-Cconfiguration and management
(Rp, Rd, switches)
Voltage and current sensing
Dead Battery Management
EMI filters
Dedicated power connector to interface with an external power supply (not included) to
provide different profiles and VCONN (5 V)
On-board power management able to provide internal supply voltages
Six-status control LEDs
USB 2.0 interface capability available on Port 0 only acting as UFP
RoHS compliant
PCB type and size:
Material of PCB: FR4
Four-layer layout
Copper thickness: 35 µm
Total dimensions of the expansion board: 74 mm x 98 mm
Note:
The integrated Rp value is 4.7 Kohm at 3.3 V to advertise current capability of 3 A at 5 V.
User has to change it according to power supply option capabilities.
NUCLEO-F072RB board includes:
An STM32F072RBT6 32-bit microcontroller based on ARM® Cortex®-M0 with 128
Kbytes of Flash memory,16 Kbytes of SRAM, USB 2.0 FS data interface in LQFP64
package
Two types of extension resources:
–ArduinoUno Revision 3 connectivity
STMicroelectronics ST morpho extension pin headers for full access to all STM32
I/Os
On-board ST-LINK/V2-1 debugger/programmer with SWD connector
selection-mode switch to use the pack as a standalone ST-LINK/V2-1
Flexible board power supply:
USB VBUS on Type-B connector or external source
Power management access point
Three LEDs:
USB communication (LD1), user LED (LD2), power LED (LD3)
Two push-buttons: USER and RESET


Podobny numer części - P-NUCLEO-USB001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
P-NUCLEO-53L0A1 STMICROELECTRONICS-P-NUCLEO-53L0A1 Datasheet
257Kb / 8P
   RoHS compliant
P-NUCLEO-53L1A1 STMICROELECTRONICS-P-NUCLEO-53L1A1 Datasheet
549Kb / 8P
   VL53L1X nucleo pack with X-NUCLEO-53L1A1 expansion board and STM32F401RE nucleo board
February 2018
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
   Power management access point
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
   Power management access point
P-NUCLEO-CLD1 STMICROELECTRONICS-P-NUCLEO-CLD1 Datasheet
230Kb / 4P
   The STM32 Nucleo pack P-NUCLEO-CLD1
More results

Podobny opis - P-NUCLEO-USB001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
   External Power Supply
logo
CUI INC
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
   EXTERNAL AC-DC POWER SUPPLY
08/12/2021
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
   EXTERNAL AC-DC POWER SUPPLY
01/10/2022
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
PHOENIX CONTACT
2704045 PHOENIX-2704045 Datasheet
63Kb / 4P
   Termination board, with FO connection and external power supply
logo
PULS GmbH
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
   AS-Interface Power Supply
logo
Pepperl+Fuchs Inc.
VAN-24DC-K28 PF-VAN-24DC-K28 Datasheet
307Kb / 3P
   AS-Interface power supply
2019-08-21
VAN-G4-PE-4A PF-VAN-G4-PE-4A Datasheet
250Kb / 2P
   AS-Interface power supply
2019-08-23
VAN-KE2-2PE PF-VAN-KE2-2PE Datasheet
220Kb / 2P
   AS-Interface power supply
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com