Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

90009E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części 90009E3
Szczegółowy opis  Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90009E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  90009E3 Datasheet HTML 1Page - Vishay Siliconix 90009E3 Datasheet HTML 2Page - Vishay Siliconix 90009E3 Datasheet HTML 3Page - Vishay Siliconix 90009E3 Datasheet HTML 4Page - Vishay Siliconix 90009E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
220 EDLC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 20-Oct-16
1
Document Number: 28421
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Electrical Double Layer Energy Storage Capacitors
Power and Energy Versions
Image is not to scale
FEATURES
• Polarized energy storage capacitor with high
capacity and energy density
• Energy version with high stability available
• Rated voltage: 2.7 V
• Available in through-hole (radial) version
• Useful life: 1000 h at 85 °C
• Rapid charge and discharge
• Maintenance-free, no service necessary
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power backup
• Burst power support
• Storage device for energy harvesting
• Micro UPS power source
• Energy recovery
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in F)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Logo of manufacturer
• Negative terminal identification
• Series number (220)
PACKAGING
Supplied in ESD trays.
Note
(1) Preferred case size.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
16 x 20; 18 x 20; 16 x 25, 18 x 25;
16 x 31; 18 x 31, 18 x 35, 18 x 40
Rated capacitance range, CR
15 F to 60 F
Rated voltage, UR
(65 °C / 85 °C)
2.7 V / 2.3 V
Category temperature range
-40 °C to +85 °C
Endurance test at 85 °C
1000 h
Useful life at 85 °C
1000 h
Useful life at 20 °C
> 10 years
Shelf life at 20 °C
2 years
Cycle life
> 500 000 cycles
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR (F)
UR (V) = 2.7 V
15
16 x 20
20
16 x 20; 16 x 25; 18 x 20
25
16 x 25; 18 x 20; 18 x 25
30
16 x 31; 18 x 25
35
16 x 31, 18 x 31 (1)
40
18 x 31 (1)
45
18 x 35
50
18 x 35
55
18 x 40
60
18 x 40


Podobny numer części - 90009E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
900090 ETC-900090 Datasheet
6Mb / 68P
   Contacts
May 2019
900091 ETC-900091 Datasheet
6Mb / 68P
   Contacts
May 2019
900092 ETC-900092 Datasheet
6Mb / 68P
   Contacts
May 2019
900093 ETC-900093 Datasheet
6Mb / 68P
   Contacts
May 2019
900094 ETC-900094 Datasheet
6Mb / 68P
   Contacts
May 2019
More results

Podobny opis - 90009E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
01-Jan-2023
225EDLC-R VISHAY-225EDLC-R Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
230EDLC VISHAY-230EDLC Datasheet
104Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Up to 3 V Operating Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com