Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-200SM Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-200SM
Szczegółowy opis  In-Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-200SM Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-200SM Datasheet HTML 1Page - Pulse A Technitrol Company Z-200SM Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER
® Z-200SM
In-Line Filter
Series 200 Z-BLOCKER® Filter Specifications
Line side differential input blocking impedance
At 20 kHz
>2k
At 30 kHz
>3k
From 5 MHz to 10 MHz
>4k
From 10 MHz to 400 MHz
>2k
1 kHz insertion loss between 600Ω resistive
Single filter
<0.7
With 5 filters
<0.8
1 kHz/2.8 kHz slope between 600Ω resistive
Single filter
<0.1
With 5 filters
<0.8
DC resistance in Ohms
Tip to Tip, and Ring to Ring
<50
Tip to Ring
>10M
Longitudinal Balance per IEEE method
From 200 - 1 kHz
>58 dB
From 1 kHz - 3 kHz
>53 dB
Common mode rejection at 40 kHz and 1.1 MHz
>45dB
Low pass roll off (slope) between 600 Ohm and ADSL Transmission Unit - Remote
>24dB
Inter-Modulation Distortion First and Second order products
>60dB
Envelope Delay 300 Hz - 2800 Hz
<100μs
600Ω Return Loss into phone side with 600Ω line termination with ATU-R
Single filter
SRL Low
>25dB
ERL
>25dB
SRL High
>24dB
+2 bridged filter
SRL Low
>29dB
ERL
>22dB
SRL High
>15dB
+4 bridged filter
SRL Low
>28dB
ERL
>16dB
SRL High
>9dB
Complex* Return Loss with ATU-R
Single filter
SRL Low
>28dB
Single filter
ERL
>17dB
Single filter
SRL High
>9dB
+2 bridged filters
SRL Low
>20dB
ERL
>11dB
SRL High
>6dB
+4 bridged filters
SRL Low
>16dB
ERL
>8dB
SRL High
>4dB
* 1330Ω in parallel with (100nfd in series with 348Ω)
DC Loop Current - Meets specifications between 20 and 100 milliamps DC
Isolates dial pulses and on-hook/off-hook transitions from the digital subscriber line
US Pat. No. 6,212,259 and Taiwan Pat. No. 152847
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX130.A (02/12)
Dimensions: Length 2.0in (50.8mm), Width 1.25in (31.75mm), Height .75in (19.05mm), Cord Length = 3.5in (88.9mm)


Podobny numer części - Z-200SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-230PJ PULSE-Z-230PJ Datasheet
532Kb / 2P
   Z-BLOCKER Z-230PJxDSL over POTS In-Line Filter
logo
Ohmite Mfg. Co.
Z-235 OHMITE-Z-235 Datasheet
138Kb / 1P
   R. F. Plate Chokes
logo
List of Unclassifed Man...
Z-263 ETC2-Z-263 Datasheet
988Kb / 1P
   Rubber Blower with Compressor
logo
Ohmite Mfg. Co.
Z-28 OHMITE-Z-28 Datasheet
138Kb / 1P
   R. F. Plate Chokes
More results

Podobny opis - Z-200SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
513090688000 BOTHHAND-513090688000_1 Datasheet
235Kb / 1P
   VDSL IN-LINE FILTER
VD-7068 BOTHHAND-VD-7068 Datasheet
261Kb / 1P
   VDSL IN-LINE FILTER
logo
List of Unclassifed Man...
MF609 ETC-MF609 Datasheet
120Kb / 12P
   The in-Line Micro filter
logo
MTRONPTI
N MTRONPTI-N Datasheet
276Kb / 2P
   In-Line Style Bandpass Filter
logo
Pulse A Technitrol Comp...
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com