Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-321NF Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-321NF
Szczegółowy opis  xDSL over POTS In-Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-321NF Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-321NF Datasheet HTML 1Page - Pulse A Technitrol Company Z-321NF Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NanoFilter Z-321NF
xDSL over POTS In-Line Filter
NanoFilter Z-321NF Specifications
Line side differential input blocking impedance
At 20 kHz
>2 k
At 30 kHz
>3 k
From 5 MHz to 10 MHz
1 kHz insertion loss between 600 Ω resistive
<0.2 dB
1 kHz/2.8 kHz slope between 600 Ω resistive
Single filter
<0.1 dB
With 3 filters
<1.1 dB
DC resistance in Ohms
Tip to Tip, and Ring to Ring
<12 Ω
Tip to Ring
>10 Ω
Longitudinal Balance per IEEE method
From 200 - 1 kHz
>58 dB
From 1 kHz - 3 kHz
>53 dB
xDSL Insertion Loss (with ZDSL)
25 kHz
≥16 dB
40 kHz
≥25 dB
1.1 MHz
≥70 dB
2.2 MHz
≥70 dB
30 MHz
≥55 dB
Low pass roll off (slope) between 600 Ω and ADSL Transmission Unit - Remote
>26 dB
Inter-Modulation Distortion First and Second order products
>60 dB
Envelope Delay 300 Hz - 2800 Hz
<100 µs
600 Ω POTS Return Loss (with ZADSL)
Single filter
SRL Low
>30 dB
ERL
>18 dB
SRL High
>14 dB
+2 bridged filters
SRL Low
>18 dB
ERL
>13 dB
SRL High
>8 dB
Connectors: RJ-11 Jack and RJ11 Plug
Mechanical specifications
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX143.A (02/12)


Podobny numer części - Z-321NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
More results

Podobny opis - Z-321NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-300TJ PULSE-Z-300TJ Datasheet
283Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-330PJ PULSE-Z-330PJ Datasheet
307Kb / 2P
   xDSL over POTS CPE In-Line Filter
Z-330P2J-A PULSE-Z-330P2J-A Datasheet
338Kb / 2P
   xDSL over POTS CPE In-Line Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com