Zakładka z wyszukiwarką danych komponentów |
|
Z-330TJA Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company |
|
Z-330TJA Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company |
2 / 2 page Z-BLOCKER ® Z-330TJA Z-BLOCKER Z-330TJA Filter Specifications DC Resistance Network port at 20mA <25Ω Tip and Ring to Ground at < 100 Vdc >10 MΩ Tip and Ring to Ground at > 100 Vdc and < 200 Vdc >30 kΩ Operating Current 5 to 90mA Operating Voltages Network tip to ring 0 to -80Vdc Network tip to ring level with ringing signal of 17 to 23Hz and 40 to 106 Vrms -20 to -80Vdc On-hook Voice Band Insertion Loss Single filter -0.5dB to 1.5dB With 5 filters -1.0dB to 6.5dB On-hook Voice Band Insertion Loss Distortion Single filter, 200 to 1000 Hz -1.5dB to 1.5dB With 5 filters, 200 to 1000 Hz -5.5dB to 2.0dB Single filter, 1 to 2.8 kHz -1.5dB to 1.5dB With 5 filters, 1 to 2.8 kHz -2.0dB to 2.0dB On- or Off-hook Envelope Delay 300 Hz - 2800 Hz <250μs Off-hook Voice Band Insertion Loss Single filter -0.5dB to 0.5dB With 5 filters -1.0dB to 1.0dB Off-hook Voice Band Insertion Loss Distortion Single filter, 200 to 3400 Hz -1.0dB to 0.5dB With 5 filters, 200 to 3400 Hz -1.5dB to 2.5dB Single filter, 3.4 to 4 kHz -1.5dB to 1.0dB With 5 filters, 3.4 to 4 kHz -2.0dB to 3.25dB Off-hook impedance distortion Phone Port SRL Low >13dB " ERL >9dB " SRL High >3dB Network Port SRL Low >12dB " ERL >10dB " SRL High >5dB Inter-Modulation Distortion Second and Third order products >60dB On-hook High Band Stopband Attenuation From 25 to 50 kHz, between 20 and 90 mA >12dB From 50 k to 12 MHz between 20 and 90 mA >12dB Off-hook High Band Stopband Attenuation From 25 to 50 kHz, between 20 and 90 mA >21dB From 25 to 50 kHz, between 7 and 20 mA >13dB From 50 k to 12 MHz, between 20 and 90 mA >25dB From 50 k to 12 MHz, between 7 and 20 mA >22dB Bridging Loss Single filter, 25 kHz to 1.2 MHz <0.5dB With 5 filters, 25 kHz to 1.2 MHz <1.25dB Single filter, 25 kHz to 1.2 MHz <3.0dB With 5 filters, 25 kHz to 1.2 MHz <4.0dB Isolates dial pulses and on-hook/off-hook transitions from the Digital Subscriber Line Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998 Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768 Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100 www.pulseelectronics.com Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics. © 2012 Pulse Electronics. EX135.A (02/12) Dimensions: Length 2.0in (51.3mm), Width 1.2in (30.5mm), Height 0.75in (19.1mm), Cord Length = approx. 4.0 in (102mm) |
Podobny numer części - Z-330TJA |
|
Podobny opis - Z-330TJA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |