Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-A431PJ31X-A Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-A431PJ31X-A
Szczegółowy opis  Alarm Panel DSL Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-A431PJ31X-A Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-A431PJ31X-A_12 Datasheet HTML 1Page - Pulse A Technitrol Company Z-A431PJ31X-A_12 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER
® Z-A431PJ31X-A
Alarm Panel DSL Filter
Z-BLOCKER Z-A431PJ31X-A Alarm Panel DSL Filter Specifications
ADSL Insertion Loss (32 kHz to 1.1 MHz)
32 kHz to 300 kHz
<8dB
300 kHz to 1.1 MHz
<7dB
Insertion Loss (1000 Hz)
Short Loop
<1.0dB
Long Loop
<0.75dB
Insertion Loss (200 to 3400 Hz)
Short Loop
+3.5dB to -1.5dB
Long Loop
+3.5dB to -1.5dB
Insertion Loss (3400 to 4000 Hz)
Short Loop
+10.0dB to -2.0dB
Long Loop
+10.0dB to -1.5dB
DC Resistance in Ohms
At Line port with POTS port shorted, Tip to Ring
<25Ω
At POTS port with Line port shorted, Tip to Ring
<25Ω
At any port with all other ports open, Tip/Ring to Ground
>5MΩ
Longitudinal Balance - Two Port
200 to 1000 Hz
>58dB
At 3000 Hz
>53dB
Inter-Modulation Distortion at -9dB level
Voice Band
>57dB
ADSL Band
>60dB
Envelope Delay (600 to 3200 Hz)
Short Loop
<200μs
Long Loop
<200μs
Envelope Delay (3200 to 4000 Hz)
Short Loop
<200μs
Long Loop
<200μs
Return Loss
ERL
>6dB
SRL-L
>5dB
SRL-H
>3dB
SRL-H (2200 to 3400 Hz single frequency)
>2dB
Capacitance
Tip to Ring
>20nF
Tip to Ring (without modem connected)
<115nF
At POTS port, Tip/Ring to ground
<1nF
DC Loop Current - Meets specifications between 0 and 100 milliamps DC
Isolates dial pulses and on-hook/off-hook transitions from the digital subscriber line
Length = 60mm, 150mm including cord and plug; Width = 43mm; Height = 22mm
US Pat. No. 6,472,992 and 6,404,347
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX137.A (02/12)


Podobny numer części - Z-A431PJ31X-A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-A431PJ31X-A PULSE-Z-A431PJ31X-A Datasheet
767Kb / 2P
   Z-BLOCKER짰 Z-A431PJ31X-A Alarm Panel DSL Filter
More results

Podobny opis - Z-A431PJ31X-A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-A431PJ31X PULSE-Z-A431PJ31X_12 Datasheet
866Kb / 2P
   Alarm Panel DSL Filter
Z-A431PJ31X PULSE-Z-A431PJ31X Datasheet
757Kb / 2P
   Z-BLOCKER짰 Z-A431PJ31X Alarm Panel DSL Filter
Z-A431PJ31X-A PULSE-Z-A431PJ31X-A Datasheet
767Kb / 2P
   Z-BLOCKER짰 Z-A431PJ31X-A Alarm Panel DSL Filter
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
logo
XFMRS Inc.
XF0709-AD18S XFMRS-XF0709-AD18S Datasheet
74Kb / 1P
   DSL TRANSFORMER
XF0709-AD13S XFMRS-XF0709-AD13S Datasheet
47Kb / 1P
   DSL TRANSFORMER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com