Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK2401 Arkusz danych(PDF) 34 Page - Asahi Kasei Microsystems

Numer części AK2401
Szczegółowy opis  Direct Conversion Transceiver
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2401 Arkusz danych(HTML) 34 Page - Asahi Kasei Microsystems

Back Button AK2401 Datasheet HTML 30Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 31Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 32Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 33Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 34Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 35Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 36Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 37Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 38Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
[AK2401]
017003093-E-00
2017/3
34
13.5.3.
Output Path Selection of Analog Baseband Signal
The signal path of the AAF output is controlled with IQ_SEL, ANA_PATH and MAIN_PATH bits
<Address0x14>. Normally, the path between AAF and ADC is shorten by setting MAIN PATH bit =
“1” and
the paths between AAF and the AOUT_P pin, and AAF and the AOUT_N pin are open by setting
ANA_PATH bit =
“0”. In this case, the AOUT_P pin and the AOUT_N pin must be opened.
Receiving analog baseband signal can be output in differential format by setting ANA_PATH bit =
“1”
shortening the paths between AAF and the AOUT_P pin, and AAF and the AOUT_N pin. In this case,
IQ_SEL bit selects the output channel from Ich and Qch. Connect AC coupling capacitors to the AOUT_P
and AOUT_N pins since these pins are internally DC biased. Connect them to an external device and
they will output Hi-z signals.
Figure 21. Output Path Selection of Analog Baseband Signal
34. AOUT_N
AAF
I+
Q+
I-
Q-
24-bit
ΔΣ ADC
24-bit
ΔΣ ADC
AAF
IQ_SEL bit
33. AOUT_P
External
Device
Hi-Z
Hi-Z
MAIN_PATH bit
ANA_PATH bit


Podobny numer części - AK2401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Podobny opis - AK2401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
   Dual Band Direct Conversion Transceiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com