Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376AECB Arkusz danych(PDF) 31 Page - Asahi Kasei Microsystems

Numer części AK4376AECB
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Arkusz danych(HTML) 31 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 27Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 28Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 29Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 30Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 31Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 32Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 33Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 34Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 35Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 31 -
Figure 9
shows clock & data flow in slave mode. Figure 10 shows clock & data flow in master mode.
<Salve Mode>
MS bit =
“0”, PMPLL bit = “0”, DACCKS[1:0] bits = “00”
Figure 9. Example of Clock and Data Flow (Slave Mode, Not using PLL)
<Master Mode>
MS bit =
“1, PMPLL bit = “1”, PLS[1:0] bits = “00”, DACCKS[1:0] bits = “01”
Figure 10. Example of Clock and Data Flow (Master Mode, Using PLL)
HP
(w/ Vol)
HPL
HPGND
HPR
Audio
Interface
LRCK
BCLK
SDATA
Stereo
DAC
32-bit
X
’tal OSC
MCKI
PLL
BCLK
9.6MHz
PLLCLK: PLS[1:0] ,PLD[15:0], PLM[15:0],
MDIV[7:0] bits
DACMCLK: DACCKS[1:0],
CM[1:0], FS[4:0] bits
HP
(w/ Vol)
HPL
HPGND
HPR
Audio
Interface
LRCK
BCLK
SDATA
Stereo
DAC
32-bit
X
’tal OSC
MCKI
PLL
BCLK
DACMCLK: DACCKS[1:0],
CM[1:0], FS[4:0] bits
PLLCLK: PLS[1:0] ,PLD[15:0], PLM[15:0],
MDIV[7:0] bits


Podobny numer części - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com