Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376AECB Arkusz danych(PDF) 33 Page - Asahi Kasei Microsystems

Numer części AK4376AECB
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Arkusz danych(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 29Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 30Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 31Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 32Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 33Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 34Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 35Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 36Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 37Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 33 -
PLL
The PLL generates a PLLCLK which is used as the DAC operation clock DACMCLK. The output frequency
should be set in the range from 101.6064 to 122.88MHz (Table 6 shows setting example of 48 kHz and
44.1 kHz base rates). Refer to Table 11 to Table 12 for frequency setting examples. Reference clock of
PLL should be set in the range from 256 kHz to 3.072 MHz.
Table 6. PLLCLK Setting Example
48 kHz base rate
44.1 kHz base rate
2560/fs
122.88 MHz
112.896 MHz
2304/fs
110.592 MHz
101.6064 MHz
Reference clock = PLL Source / (PLD + 1)
PLLCLK = Reference clock x (PLM + 1)
DACMCLK = PLLCLK / (MDIV + 1)
Figure 11. PLL Block Diagram
Input Clock Select Function
The PLL has a function that selects the input clock. The clock source pin is selected by PLS[1:0] bits.
Table 7. PLL Clock Select (x: Do not care)
PLS[1:0] bits
Clock Source
00
MCKI pin
(default)
01
BCLK pin
1x
X
’tal (XTI pin)
1. PLL Reference Clock Divider
The PLL can set the dividing number of the reference clock in 16-bit. The input clock is used as PLL
reference clock by dividing by (PLD+1).
Table 8. PLL Reference Clock Divider
PLD[15:0] bits
Dividing Number
0000H
1
(default)
0001H to FFFFH
1 / (PLD + 1)
Note 68. The reference clock divided by PLD should be set in the range from 256 kHz to 3.072 MHz.
1
-------------
(PLM+1)
1
-------------
(MDIV+1)
256 kHz
to 3.072 MHz
PLS[1:0] bits
MCKI
XTI
BCLK
1
-------------
(PLD+1)
PLL ANA
Reference
Feedback


Podobny numer części - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com