Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376AECB Arkusz danych(PDF) 41 Page - Asahi Kasei Microsystems

Numer części AK4376AECB
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Arkusz danych(HTML) 41 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 37Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 38Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 39Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 40Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 41Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 42Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 43Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 44Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 45Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 41 -
Table 20. 1/2VDD Detection Period (Minimum frequency that is not detected)
LVDTM[2:0] bits
1/2 VDD Mode Detection Time /
Minimum Frequency That Is Not Detected
8 kHz
44.1 kHz
96 kHz
192 kHz
000
64/fs
8 ms
1.5 ms
0.67 ms
0.33 ms
(default)
62.5 Hz
344.5 Hz
750 Hz
1500 Hz
001
128/fs
16 ms
2.9 ms
1.3 ms
0.67 ms
31.3 Hz
172.3 Hz
375 Hz
750 Hz
010
256/fs
32 ms
5.8 ms
2.7 ms
1.3 ms
15.6 Hz
86.1 Hz
187.5 Hz
375 Hz
011
512/fs
64 ms
11.6 ms
5.3 ms
2.7 ms
7.8 Hz
43.1 Hz
93.8 Hz
187.5 Hz
100
1024/fs
128 ms
23.2 ms
10.7 ms
5.3 ms
3.9 Hz
21.5 Hz
46.9 Hz
93.8 Hz
101
2048/fs
256 ms
46.4 ms
21.3 ms
10.7 ms
2.0 Hz
10.8 Hz
23.4 Hz
46.9 Hz
110
4096/fs
512 ms
92.9 ms
42.7 ms
21.3 ms
1.0 Hz
5.4 Hz
11.7 Hz
23.4 Hz
111
8192/fs
1024 ms
185.8 ms
92.9 ms
42.7 ms
0.5 Hz
2.7 Hz
5.9 Hz
11.7 Hz
Note 72. Oct speed mode (fs = 256 k / 352.8 k / 384 kHz) has the same cycle as fs = 32 k / 44.1 k / 48 kHz.
The output level of the headphone amplifier is controlled by HPG[3:0] bits. The volume setting is common
for both L and R channels and ranges from +6dB to
20 dB in 2 dB step (Table 21). The volume change
is executed immediately by setting registers.
Table 21. Headphone Amplifier Volume Setting (N/A: Not available)
HPG[3:0] bits
Volume (dB)
FH
N/A
EH
+6
DH
+4
CH
+2
BH
0
(default)
AH
2
9H
4
8H
6
7H
8
6H
10
5H
12
4H
14
3H
16
2H
18
1H
20
0H
MUTE


Podobny numer części - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com