Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376AECB Arkusz danych(PDF) 48 Page - Asahi Kasei Microsystems

Numer części AK4376AECB
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Arkusz danych(HTML) 48 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 44Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 45Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 46Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 47Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 48Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 49Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 50Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 51Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 52Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 48 -
Serial Audio Interface
The serial audio interface format is set by DIF bit and its data length is controlled by DL[1:0] bits. In case
that the input data length is less than the value which set by DL[1:0] bits, unused lower bits are filled with
“0”. When using master mode, DL[1:0] bits is set in accordance with the setting of BCKO bit.
Table 30. Digital I/F Format Setting
DIF bit
Digital I/F Format
0
I
2S Compatible
(default)
1
MSB justified
Table 31. Data Length Setting (x: Do not care)
DL1 bit
DL0 bit
Data Length
BCLK Frequency
Slave Mode
Master Mode
0
0
24-bit linear
 48fs
64fs
(BCKO bit =
“0”)
(default)
0
1
16-bit linear
 32fs
32fs
(BCKO bit =
“1”)
1
x
32-bit linear
 64fs
64fs
(BCKO bit =
“0”)
Figure 18. I
2S Compatible Format (DIF bit = “0”)
Figure 19. MSB justified format (DIF bit=
“1”)
LRCK
BCLK
SDATA
“H” or “L”
Next Lch Data
Lch Data (MSB First)
Rch Data (MSB First)
“H” or “L”
“H” or “L”
LRCK
BCLK
SDATA
“H” or “L”
Next Lch Data
Lch Data (MSB First)
Rch Data (MSB First)
“H” or “L”
“H” or “L”


Podobny numer części - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com