Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376AECB Arkusz danych(PDF) 60 Page - Asahi Kasei Microsystems

Numer części AK4376AECB
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Arkusz danych(HTML) 60 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 56Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 57Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 58Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 59Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 60Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 61Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 62Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 63Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 64Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 60 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0BH
Lch Output Volume
OVOLCN
0
0
OVL[4:0]
0CH
Rch Output Volume
0
0
0
OVR[4:0]
R/W
R/W
R
R
R/W
Default
0
0
0
19H
OVL[4:0]: DAC Lch Digital Volume Control; +3 dB to
12 dB & Mute, 0.5 dB step (Table 17)
OVR[4:0]: DAC Rch Digital Volume Control; +3 dB to
12 dB & Mute, 0.5 dB step (Table 17)
Default: “19H” (0 dB)
OVOLCN: Digital Volume Control
0: Dependent (default)
1: Independent
OVL[4:0] bits control digital volume of both L and R channels when OVOLCN bit = “0”. In this
case, the value of OVL[4:0] bits will not be written to OVR[4:0] bits.
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0DH
HP Volume Control
0
0
0
0
HPG[3:0]
R/W
R
R
R
R
R/W
Default
0
0
0
0
BH
HPG[3:0]: HP-Amp Analog Volume Control; +6 dB to
20 dB, 2 dB step (Table 21)
Default: BH (0 dB)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0EH
PLL CLK Source Select
0
0
T2
0
0
0
PLS[1:0]
R/W
R
R
R/W
R
R
R
R/W
Default
0
0
0
0
0
0
00
PLS[1:0]: PLL Clock Source Select (Table 7)
Default:
“00” (MCKI pin)
T2: Write
“0” into this bit.
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0FH
PLL Ref CLK Divider 1
PLD[15:8]
10H
PLL Ref CLK Divider 2
PLD[7:0]
R/W
R/W
Default
0000H
PLD[15:0]: PLL Reference Clock Divider Setting (Table 8)
Default: 0000H (Divided by 1)


Podobny numer części - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376AECB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com