Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5552VN Arkusz danych(PDF) 35 Page - Asahi Kasei Microsystems

Numer części AK5552VN
Szczegółowy opis  2-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5552VN Arkusz danych(HTML) 35 Page - Asahi Kasei Microsystems

Back Button AK5552VN_16 Datasheet HTML 31Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 32Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 33Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 34Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 35Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 36Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 37Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 38Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 39Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
[AK5552]
015099871-E-00
2016/03
- 35 -
The BICK frequency must be set to 32fs or 48fs in slave mode if the audio interface format is normal
output (non TDM) and the interface speed is in HEX mode. Bit length of A/D data is determined by BICK
frequency regardless of the DIF1 pin (bit). It is 16-bit when the BICK frequency is 32fs and 24-bit when
the BICK frequency is 48fs.
The BICK frequency will be 64fs in master mode if the audio interface format is normal output (non TDM)
and the interface speed is Normal, Double or Quad mode. Data bit length can be selected from 24-bit and
32-bit by the DIF1 pin (bit).
The MCLK frequency must be 64fs or 96fs in master mode if the audio interface format is normal output
(non TDM) and the interface speed is OCT mode. The BICK frequency will be 64fs. Data bit length can be
selected from 24-bit and 32-bit by the DIF1 pin (bit).
The BICK frequency will be synchronized with the MCLK frequency in master mode if the audio interface
format is normal output (non TDM) and the interface speed is HEX mode. The MCLK frequency must be
32fs, 48fs or 64fs. The bit length of A/D data is 16-bit when the MCLK frequency is 32fs, 24-bit when the
MCLK frequency is 48fs and 24-bit or 32-bit can be selected by the DIF1 pin (bit) when the MCLK
frequency is 64fs.
The DIF0 pin selects the A/D data format between MSB justified and I
2S Compatible.
No.
Multiplex
Mode
Speed
Mode
TDM1
pin(bit)
TDM0
pin(bit)
MSN
Pin
DIF1
pin(bit)
DIF0
pin(bit)
SDTO
LRCK
BICK
MCLK
Pol. I/O
Freq.
I/O
Freq.
I/O
0
Normal
Normal
Double
Quad
L(0)
L(0)
L
L(0)
L(0)
24-bit, MSB
H/L
I
48-128fs
I
128-1024fs
I
1
L(0)
H(1)
24-bit, I
2S
L/H
I
48-128fs
I
128-1024fs
I
2
H(1)
L(0)
32-bit, MSB
H/L
I
64-128fs
I
128-1024fs
I
3
H(1)
H(1)
32-bit, I
2S
L/H
I
64-128fs
I
128-1024fs
I
4
H
L(0)
L(0)
24-bit, MSB
H/L
O
64fs
O 128-1024fs
I
5
L(0)
H(1)
24-bit, I
2S
L/H
O
64fs
O 128-1024fs
I
6
H(1)
L(0)
32-bit, MSB
H/L
O
64fs
O 128-1024fs
I
7
H(1)
H(1)
32-bit, I
2S
L/H
O
64fs
O 128-1024fs
I
8
OCT
HEX
L(0)
L(0)
L
*
L(0)
16-bit, MSB
I
32fs
I
32-96fs
I
9
*
H(1)
16-bit, I
2S
I
32fs
I
32-96fs
I
10
*
L(0)
24-bit, MSB
I
48fs
I
32-96fs
I
11
*
H(1)
24-bit, I
2S
I
48fs
I
32-96fs
I
12
L(0)
L(0)
24-bit, MSB
I
64fs
I
32-96fs
I
13
L(0)
H(1)
24-bit, I
2S
I
64fs
I
32-96fs
I
14
H(1)
L(0)
32-bit, MSB
I
64fs
I
32-96fs
I
15
H(1)
H(1)
32-bit, I
2S
I
64fs
I
32-96fs
I
16
H
*
L(0)
16-bit, MSB
O
32fs
O
32fs
I
17
*
H(1)
16-bit, I
2S
O
32fs
O
32fs
I
18
*
L(0)
24-bit, MSB
O
48fs
O
48fs
I
19
*
H(1)
24-bit, I
2S
O
48fs
O
48fs
I
20
L(0)
L(0)
24-bit, MSB
O
64fs
O
64-96fs
I
21
L(0)
H(1)
24-bit, I
2S
O
64fs
O
64-96fs
I
22
H(1)
L(0)
32-bit, MSB
O
64fs
O
64-96fs
I
23
H(1)
H(1)
32-bit, I
2S
O
64fs
O
64-96fs
I
Table 8. Audio Interface Format (Normal mode)


Podobny numer części - AK5552VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
AK5552VN HUAXINAN-AK5552VN Datasheet
124Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5552VN AKM-AK5552VN Datasheet
124Kb / 5P
   115dB 768kHz 32-bit 2ch ?꾬걪 ADC with 4Filters
More results

Podobny opis - AK5552VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com