Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5554VN Arkusz danych(PDF) 40 Page - Asahi Kasei Microsystems

Numer części AK5554VN
Szczegółowy opis  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Arkusz danych(HTML) 40 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 36Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 37Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 38Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 39Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 40Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 41Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 43Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 44Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 40 -
LRCK (Slave)
BICK (64fs)
SDTO1-2 (O)
22
AIN1/3 Data
32 BICK
64 BICK
7
0
22
15
AIN2/4 Data
32 BICK
7
0
LRCK (Master)
22
23
8
23
8
23
15
Figure 38. Mode 12/20 Timing (Normal mode, OCT/HEX Speed mode, MSB Justified, 24-bit)
LRCK (Slave)
BICK (64fs)
SDTO1-2 (O)
22
15
AIN1/3 Data
32 BICK
64 BICK
7
0
22
15
AIN2/4 Data
32 BICK
7
0
LRCK (Master)
22
23
8
23
8
23
Figure 39. Mode 13/21 Timing (Normal mode, OCT/HEX Speed mode, I
2S Compatible, 24-bit)
LRCK (Slave)
BICK (64fs)
SDTO1-2 (O)
30
17
AIN1/3 Data
32 BICK
64 BICK
14
1
0
30
17
AIN2/4 Data
32 BICK
14
1
LRCK (Master)
30
31
16 15
0 31
16 15
0 31
Figure 40. Mode 14/22 Timing (Normal mode, OCT/HEX Speed mode, MSB Justified, 32-bit)
LRCK (Slave)
BICK (64fs)
SDTO1-2 (O)
30
17
AIN1/3 Data
32 BICK
64 BICK
14
1
0
30
17
AIN2/4 Data
32 BICK
14
1
LRCK (Master)
30
31
16 15
0 31
16 15
0 31
Figure 41. Mode 15/23 Timing (Normal mode, OCT/HEX Speed mode, I
2S Compatible, 32-bit)


Podobny numer części - AK5554VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Podobny opis - AK5554VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com