Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5554VN Arkusz danych(PDF) 56 Page - Asahi Kasei Microsystems

Numer części AK5554VN
Szczegółowy opis  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Arkusz danych(HTML) 56 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 56 -
Operation Mode Control
Operation modes of the AK5554 are set by pins or registers. In parallel mode, the operation mode is set
by pin and register settings are invalid. Therefore the functions that needs register settings are not
available in parallel mode. For register accessing, 3-wire serial and I
2C bus communications are
available. This control mode of the AK5554 is selected by the I2C pin and the PSN pin. In serial control
mode, register settings are prioritized so that all pin settings except the MSN pin setting are ignored.
I2C pin
PSN pin
Control Mode
L
L
3-wire Serial
L
H
3-wire Serial
H
L
I2C Bus
H
H
Parallel
Table 22. Control Mode
Register Control Interface
(1) 3-wire Serial Control mode (I2C pin
= “L”)
The internal registers may be written through the 3-wire µP interface pins (CSN, CCLK and CDTI).
The data on this interface consists of a 2-
bit Chip address, Read/Write (1bit, Fixed to “1”, Write only),
Register address (MSB first, 5bits) and Control data (MSB first, 8bits). Address and data are clocked
in on the rising edge of CCLK and data is clocked out on the falling edge. For write operations, data
is latched after a low-to-high transition of CSN. The clock speed of CCLK is 5MHz (max).
The in
ternal registers are initialized by setting the PDN pin = “L”. In serial mode, an internal timing
circuit is reset by setting RSTN bit = “0” but register values are not initialized.
CDTI
CCLK
C1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D4
D5
D6
D7
A1
A2
A3
A4
R/W
C0
A0
D0
D1
D2
D3
CSN
C1-C0: Chip Address (C1=CAD1, C0=CAD0)
R/W:
READ/WRITE (Fixed to “1”, Write only)
A4-A0: Register Address
D7-D0: Control Data
Figure 62. Control I/F Timing
* The AK5554 does not support read commands in 3-wire serial control mode.
* When the AK5554 is in power down mode
(PDN pin = “L”), a writing into the control registers is
prohibited.
* The control data cannot be written when the CCLK rising edge is 15 times or less, or 17 times or more
during CSN is “L”.


Podobny numer części - AK5554VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Podobny opis - AK5554VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com