Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5556VN Arkusz danych(PDF) 45 Page - Asahi Kasei Microsystems

Numer części AK5556VN
Szczegółowy opis  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5556VN Arkusz danych(HTML) 45 Page - Asahi Kasei Microsystems

Back Button AK5556VN_16 Datasheet HTML 41Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 43Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 44Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 45Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 49Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
[AK5556]
015099857-E-00
2016/03
- 45 -
Figure 54. Audio Interface Timing (Slave mode, TDM mode, MCLK=2×BICK)
Figure 55. Audio Interface Timing (Slave Mode, TDM Mode, MCLK=BICK)
[2] DSD Mode
DSD output is available only when the AK5556 is in Master mode.
The DCLK frequency can be selected from 64fs, 128fs and 256fs by setting the DSDSEL1-0 pins (bits).
The AK5556 enters Phase Modulation mode by setting PMOD pin =
“H” or PMOD bit = “1”. It does not
support Phase Modulation mode when the DCLK frequency is 256fs. DCKB bit controls DCLK polarity.
DCLK (64fs, 128fs, 256fs)
DCKB bit=
”1”
DCLK (64fs, 128fs, 256fs)
DCKB bit=
”0”
DSDOL, DSDOR
Normal
DSDOL,DSDOR
Phase Modulation
D1
D0
D1
D2
D0
D2
D3
D1
D2
D3
Figure 56. DSD Mode Timing
MCLK
BICK
tMCB
tBIM
VIH
VIL
VIH
VIL
MCLK
BICK
tMCB
tBIM
VIH
VIL
VIH
VIL


Podobny numer części - AK5556VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
More results

Podobny opis - AK5556VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com